Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices ADP3050 Datasheet HTML 11Page - Analog Devices ADP3050 Datasheet HTML 12Page - Analog Devices ADP3050 Datasheet HTML 13Page - Analog Devices ADP3050 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP3050
–10–
REV. 0
Table I. Inductor Selection Guide
Max
Max
Package
Vendor/
Value
IDC
DCR
Core
Core
Dimensions (mm)
Model
(
µH)
(A)
(
Ω)
Type
Material
W
L
H
Sumida
CD73
10
1.4
0.08
Open
Ferrite
7.0
7.8
3.5
CD73
15
1.2
0.10
Open
Ferrite
7.0
7.8
3.5
CD73
22
1.1
0.13
Open
Ferrite
7.0
7.8
3.5
CR75
22
1.5
0.11
Open
Ferrite
7.0
7.8
5.0
CR75
33
1.2
0.13
Open
Ferrite
7.0
7.8
5.0
CR75
47
1.1
0.18
Open
Ferrite
7.0
7.8
5.0
CDRH73
10
1.7
0.08
S.C.
Ferrite
7.3
7.3
3.4
CDRH73
15
1.3
0.13
S.C.
Ferrite
7.3
7.3
3.4
CDRH6D38
22
1.3
0.10
S.C.
Ferrite
6.7
6.7
4.0
CDRH6D38
33
1.1
0.12
S.C.
Ferrite
6.7
6.7
4.0
CDR105B
22
1.4
0.08
S.C.
Ferrite
9.0
10.0
5.0
CDR105B
33
1.2
0.11
S.C.
Ferrite
9.0
10.0
5.0
CDR105B
47
1.0
0.14
S.C.
Ferrite
9.0
10.0
5.0
COILCRAFT
DO1608
10
1.1
0.14
Open
Ferrite
4.6
6.6
2.9
DO3316
10
3.8
0.03
Open
Ferrite
9.4
13.0
5.1
DO3316
15
3.0
0.04
Open
Ferrite
9.4
13.0
5.1
DO3316
22
2.6
0.05
Open
Ferrite
9.4
13.0
5.1
DO3316
33
2.0
0.09
Open
Ferrite
9.4
13.0
5.1
DO3316
47
1.6
0.14
Open
Ferrite
9.4
13.0
5.1
DT3316
10
2.0
0.06
S.C.
Ferrite
9.4
13.0
5.1
DT3316
15
1.8
0.06
S.C.
Ferrite
9.4
13.0
5.1
COILTRONICS
*
CTX10-1
10
1.9
0.04
Toroid
Kool M
µ
8.9
8.9
4.2
CTX20-1
20
1.0
0.14
Toroid
Kool M
µ
8.9
8.9
4.2
CTX10-2
10
2.5
0.03
Toroid
Kool M
µ
8.9
8.9
6.0
CTX20-2
20
1.3
0.11
Toroid
Kool M
µ
8.9
8.9
6.0
CTX33-2
33
1.5
0.09
Toroid
Kool M
µ
8.9
8.9
6.0
CTX10-2
40
1.3
0.12
Toroid
Kool M
µ
8.9
8.9
6.0
CTX10-1P
10
1.6
0.03
Toroid
P.I.
8.9
8.9
4.2
CTX15-1P
15
1.2
0.05
Toroid
P.I.
8.9
8.9
4.2
CTX20-1P
20
1.0
0.08
Toroid
P.I.
8.9
8.9
4.2
CTX20-2P
20
1.3
0.11
Toroid
P.I.
8.9
8.9
6.0
UP2-330
33
1.7
0.10
Open
Ferrite
8.8
10.6
5.9
UP2-470
47
1.4
0.15
Open
Ferrite
8.8
10.6
5.9
TOKIN
SSB64
10
1.2
0.12
Open
Ferrite
6.3
6.3
6.0
SSB64
15
1.0
0.15
Open
Ferrite
6.3
6.3
6.0
SSB84
10
1.4
0.10
Open
Ferrite
8.3
8.3
6.0
SSB84
15
1.2
0.11
Open
Ferrite
8.3
8.3
6.0
SSB84
22
1.2
0.16
Open
Ferrite
8.3
8.3
6.0
S.C. = semiclosed, P.I. = powdered iron, Toroid is a closed core.
*Coiltronics toroidal inductors consist of two windings on one core that can be connected in parallel (for a higher current rating) or in series (for a higher inductance value);
consult Coiltronics data sheet.
Table II. Inductor Manufacturers
Company
Phone
Fax
Web Site
Sumida (USA)
(847) 956-0666
(847) 956-0702
www.sumida.com
Sumida (Japan)
81-3-3607-5111
81-3-3607-5144
www.sumida.com
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
Coiltronics
(561) 241-7876
(561) 241-9339
www.coiltronics.com
Tokin (USA)
(408) 432-8020
(408) 434-0375
www.tokin.com
Tokin (Japan)
81-22-211-1281
81-22-211-0975
www.tokin.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com