Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices ADP3050 Datasheet HTML 11Page - Analog Devices ADP3050 Datasheet HTML 12Page - Analog Devices ADP3050 Datasheet HTML 13Page - Analog Devices ADP3050 Datasheet HTML 14Page - Analog Devices ADP3050 Datasheet HTML 15Page - Analog Devices ADP3050 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3050
–12–
REV. 0
short). This is usually only a problem when the input voltage to out-
put voltage ratio is greater than 2.5. Under this condition, the load
current needed is slightly more than the regulator can provide. The
output voltage then droops slightly, and the switch stays on every
cycle until the internal current limit is reached. Under this condition,
the load current can reach around 1.2 A. For example: a system with
an input voltage of 24 V and an output voltage of 5 V, if a gradual
overload causes the output voltage to droop to 4 V, the average
diode current would be:
IA
DIODE(AVG)
–
=×
=
12
24
4
24
10
..
If the system must survive such gradual overloads for a prolonged
period of time, ensure that the diode chosen can survive these
conditions. A larger 2 A or 3 A diode can be used if necessary.
Choosing a Catch Diode
Use the following steps to pick an appropriate catch diode.
Table V shows several Schottky rectifiers with different reverse
voltage and forward current ratings.
1. The average diode current rating must be sufficient to provide
the required load current (see above calculations). Diodes
rated below 1 A should not be used, even if the average diode
current is much lower.
2. The reverse voltage rating of the catch diode should be at
least the maximum input voltage. Often a higher rating is
chosen (1.2 times the maximum input voltage) to provide a
safety margin.
INPUT CAPACITOR SELECTION
The input bypass capacitor plays an important role in proper
regulator operation, minimizing voltage transients at the input
and providing a short local loop for the switching current. Place
this capacitor close to ADP3050 between the VIN and GND pins
using short, wide traces. This input capacitor should have an rms
ripple current rating of at least:
II
V
V
V
V
CI
OUT
OUT
IN
OUT
IN
N(RMS) ≥×
−


2
(6)
This rating is crucial, as the input capacitor must be able to
withstand the large current pulses present at the input of a step-
down regulator. Values of 20
µF to 50 µF are typical, but the
main criteria for capacitor selection should be the ripple current
and voltage ratings.
Ceramics are an excellent choice for input bypassing due to their
low ESR and high ripple current rating. Ceramics are especially
suited for high input voltages, and are available from many differ-
ent manufacturers. Tantalums are often used for input bypassing,
but precautions must be taken, as they occasionally fail when
subjected to large inrush currents during power-up. These
surges are common when the regulator input is connected to a
battery or high-capacitance supply. Several manufacturers now
offer surface-mount solid tantalum capacitors that are surge
tested (AVS TPS series, Sprague 593D series, Kemet T495 series,
and NEMCO LSR series), but even these devices can fail if the
current surge occurs when the capacitor voltage is near its maxi-
mum rating. For this reason, a 2:1 derating is suggested for
tantalum capacitors used in applications where large inrush currents
are present (i.e., a 20 V tantalum should only be used for an input
voltage up to 10 V). Aluminum electrolytics are the cheapest choice,
but it takes several in parallel to get a good rms current rating.
OS-CON capacitors have a good ESR and ripple current rating,
but they are typically larger and more costly. Refer to Table IV
for a list of capacitor manufacturers.
DISCONTINUOUS MODE RINGING
When operating in discontinuous mode, high frequency ringing
will appear at the switch node when the inductor current has
decreased to zero. This ringing is normal, and is not a result of
loop instability. It is caused by the switch and diode capacitance
reacting with the inductor to form a damped sinusoidal ringing.
This ringing is usually in the range of several megahertz, and is
not harmful to normal circuit operation.
SETTING THE OUTPUT VOLTAGE
The fixed voltage versions of the ADP3050 (3.3 V and 5 V) have
the feedback resistor divider included on-chip. For the adjustable
version, the output voltage is set using two external resistors.
Referring to Figure 23, pick a value for R1 between 10 k
Ω and
20 k
Ω, then calculate the appropriate value for R2 using:
RR
.
21
120
1
=×
−


V
OUT
(7)
It is important to note that the accuracy of these resistors directly
affects the accuracy of the output voltage. The FB pin threshold
variation is
±3%, and the tolerances of R1 and R2 will add to this
Table V. Schottky Diode Selection Guide
VR
1 A Diodes
2 A Diodes
3 A Diodes
15 V
10BQ15
30BQ15
20 V
1N5817
B220
SK32
SK12
B320
B120
NSQ03A02
EC10QS02
30 V
V1N5818
B230
SK33
SK13
EC21QS03
B330
B130
NSQ03A03
MBRS130
EC10QS03
40 V
1N5819
B240
SK34
SK14
EC21QS04
B340
B140
MBRS340
MBRS140
30BQ040
10BQ040
NSQ03A04
EC10QS04
Table VI. Schottky Diode Manufacturers
Company
Phone
Fax
Motorola
(602) 244-3576
(602) 244-4015 www.mot.com
MBRSxxx
Diodes, Inc.
(805) 446-4800
(805) 446-4850 www.diodes.com
1N58xx, Bxxx, SKxxx
International Rectifier
(310) 322-3331
(310) 322-3332 www.irf.com
10BQxxx, 30BQxxx
Nihon Inter Electronic (USA)
(661) 867-2555
(661) 867-2698
Nihon Inter Electronic (Japan)
81-33-343-3411
81-33-343-7377
ECxxxxxx, NSQxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com