Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices ADP3050 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP3050
–7–
REV. 0
TIME – 100 s/DIV
VIN = 10V
VOUT = 5V
RLOAD = 19
L = 33 H COILTRONICS
UP2B-330
CIN = 22 F
COUT = 100 F
VOUT = 1V/DIV
IL = 500mA/DIV
0V
0A
Figure 19. Start-Up from Shutdown
TEMPERATURE – C
VIN = 10V, NO LOAD
1,150
1,000
45
85
35
25
15
5
5
15
25
35455565
75
1,450
1,200
1,100
1,050
1,350
1,250
1,400
1,300
1,500
Figure 20. Error Amplifier Transconductance vs. Temperature
THEORY OF OPERATION
The ADP3050 is a fixed-frequency, current-mode buck regulator.
Current mode systems provide excellent transient response, and
are much easier to compensate than voltage-mode systems. (Refer
to the functional block diagram.) At the beginning of each clock
cycle, the oscillator sets the latch, turning on the power switch.
The signal at the noninverting input of the comparator is a replica
of the switch current (summed with the oscillator ramp). When
this signal reaches the appropriate level set by the output of the
error amplifier, the comparator resets the latch and turns off the
power switch. In this manner, the error amplifier sets the correct
current trip level to keep the output in regulation. If the error
amplifier output increases, more current is delivered to the
output; if it decreases, less current is delivered to the output.
The current sense amplifier provides a signal proportional to
switch current to both the comparator and to a cycle-by-cycle
current limit. If the current limit is exceeded, the latch will be
reset, turning the switch off until the beginning of the next clock
cycle. The ADP3050 has a foldback current limit that reduces
the switching frequency under fault conditions to reduce stress
to the IC and to the external components.
Most of the control circuitry is biased from the 2.5 V internal
regulator. When the BIAS pin is left open, or when the voltage
at this pin is less than 2.7 V, all of the operating current for the
ADP3050 is drawn from the input supply. When the BIAS pin
is above 2.7 V, the majority of the operating current is then
drawn from this pin (usually tied to the regulator's low-voltage
output) instead of from the higher-voltage input supply. This
can provide substantial efficiency improvements at light-load
conditions, especially for systems where the input voltage is
much higher than the output voltage.
The ADP3050 uses a special drive stage that allows the power
switch to saturate. An external diode and capacitor provide a
boosted voltage to the drive stage that is higher than the input
supply voltage. Overall efficiency is dramatically improved by
using this type of saturating drive stage.
Pulling the
SD pin below 0.4 V puts the device in a low-power
mode, shutting off all internal circuitry and reducing the supply
current to under 20
µA.
U1
ADP3050-3.3
VIN
1
2
3
4
SWITCH
BOOST
BIAS
FB
IN
GND
SD
COMP
8
7
6
5
C3
220nF
D1
1N5818
12V
C1
22 F
+
L1
33 H
VOUT
3.3V
R1
4k
C2
1nF
+ C4
100 F
D2
1N914
Figure 22. Typical Application Circuit
Setting the Output Voltage
The output of the adjustable version (ADP3050AR) can be set
to any voltage between 1.25 V and 12 V by connecting a resistor
divider to the FB pin as shown in Figure 23.
RR
V
OUT
21
12
1
=×
−


.
(1)
FREQUENCY – Hz
0
1M
100
1k
10k
100k
57.6
48.0
38.4
28.8
19.2
9.6
0
28.8
19.2
9.6
38.4
220
200
180
160
140
120
100
40
60
80
20
NO LOAD
Figure 21. Error Amplifier Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com