Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices ADP3050 Datasheet HTML 11Page - Analog Devices ADP3050 Datasheet HTML 12Page - Analog Devices ADP3050 Datasheet HTML 13Page - Analog Devices ADP3050 Datasheet HTML 14Page - Analog Devices ADP3050 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3050
–11–
REV. 0
2. Decide what type of capacitor to use (tantalum, ceramic,
etc.), then look at the table for some possible devices. Many
more values, sizes, and voltage ratings are available, so contact
each manufacturer for a complete product list. If a certain type
of capacitor must be used and space permits, simply use
several devices in parallel to reduce the total ESR.
3. Check the capacitor voltage rating and ripple current rating
to ensure it will work for your application (these ratings are
derated for higher temperatures, so always check the
manufacturer’s data sheet).
4. Make sure the final choice for the output capacitor has been
optimized for cost, size, availability, and performance while
still meeting the required capacitance. The recommended
capacitance is in the 47
µF to 220 µF range.
CATCH DIODE SELECTION
The recommended catch diode is a type 1N5818 Schottky or an
equivalent. The low forward voltage drop (450 mV typical at 1 A)
and fast switching speed of a Schottky rectifier provide the best
performance and efficiency. The 1N5818 is rated at 30 V reverse
voltage and 1 A average forward current. For lower input voltages,
use a lower voltage Schottky to reduce the diode forward voltage
drop and increase overall system efficiency (i.e., a 12 V to 5 V
system does not need a 30 V diode). For automotive applications,
a 60 V Schottky may be necessary. The average forward current for
the catch diode can be calculated by:
II
VV
V
DIODE
OUT
IN
OUT
IN
(AVG)
–
=×
(5)
For the earlier continuous mode example (12 V to 5 V at 800 mA),
the average diode current would be:
IA
DIODE(AVG)
–
.
=×
=
08
12
5
12
047
.
For this system, a 1N5817 would be a good choice (rated at 20 V
and 1 A). Do not use catch diodes rated less than 1 A. Even though
the average current can be less than 1 A under normal operating
conditions, since the diode current will be much higher under fault
conditions. The worst case fault condition for the diode occurs when
the regulator becomes slightly overloaded (sometimes called a soft
Table III. Capacitor Selection Guide
Max
Package
Vendor/
Value
ESR
*
Voltage
Dimensions (mm)
Series
( F)
( )
(V)
Type
W
L
H
AVX
TPS
100
0.150
6.3
Tantalum
3.2
6.0
2.6
TPS
47
0.150
16
Tantalum
4.3
7.3
2.9
TPS
100
0.100
10
Tantalum
4.3
7.3
2.9
TPS
100
0.125
16
Tantalum
4.3
7.3
2.9
Y5V
10
~0.040
10
MLC
1.6
3.2
1.5
Y5V
10
~0.040
16
MLC
2.5
3.2
1.7
Y5V
18
~0.040
10
MLC
2.5
3.2
1.7
Y5V
22
~0.040
10
MLC
2.5
3.2
1.7
Sprague
593D
47
0.150
16
Tantalum
4.3
7.3
2.8
593D
68
0.150
16
Tantalum
4.3
7.3
2.8
593D
100
0.100
10
Tantalum
4.3
7.3
2.8
593D
100
0.100
16
Tantalum
4.3
7.3
4.0
Tokin
CU
10
~0.040
10
MLC
1.6
3.2
1.6
CU
10
~0.040
25
MLC
2.7
5.7
2.5
CU
18
~0.040
25
MLC
5.0
5.7
2.5
CU
10
~0.040
50
MLC
5.0
5.7
3.0
CU
22
~0.030
25
MLC
5.0
5.7
3.0
*Maximum ESR ratings at 100 kHz; MLC = multilayer ceramic.
Table IV. Capacitor Manufacturers
Company
Phone
Fax
Web Address
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Kemet
(864) 963-6300
(864) 963-6521
www.kemet.com
Murata (USA)
(800) 831-9172
(770) 436-3030
www.murata.com
Nemco
(800) 227-4058
(650) 571-0825
www.nemcocaps.com
Sprague
(207) 324-4140
(207) 324-7223
www.vishay.com
Tokin (USA)
(408) 432-8020
(408) 434-0375
www.tokin.com
Tokin (Japan)
81-22-211-1281
81-22-211-0975
www.tokin.com
Taiyo Yuden (USA)
(800) 348-2496
(847) 925-0899
www.t-yuden.com
Taiyo Yuden (Japan)
81-33-833-5441
81-33-835-4754
www.t-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com