Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices ADP3050 Datasheet HTML 11Page - Analog Devices ADP3050 Datasheet HTML 12Page - Analog Devices ADP3050 Datasheet HTML 13Page - Analog Devices ADP3050 Datasheet HTML 14Page - Analog Devices ADP3050 Datasheet HTML 15Page - Analog Devices ADP3050 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP3050
–15–
REV. 0
R2
R1
CC
RC
OUTPUT
GROUND
INPUT
C1
L1
C3
D1
D2
C2
ADP3050
Figure 25. Recommended Board Layout
TYPICAL APPLICATIONS
5 V to 3.3 V Buck (Step-Down) Regulator
The circuit in Figure 26 shows the ADP3050 in a buck configu-
ration. It is used to generate 3.3 V regulated output from 5 V
input voltage with the following specifications:
VIN = 4.5 V to 5.5 V
VOUT = 3.3 V
IOUT = 0.75 A
IRIPPLE = 0.4 A
0.75 A = 0.3 A
VOUT RIPPLE = 50 mV
U1
ADP3050-3.3
VIN
1
2
3
4
SWITCH
BOOST
BIAS
FB
IN
GND
SD
COMP
8
7
6
5
C3
0.22 F
D1
1N5817
GND
5V
C1
22 F
+
C2
0.01 F
L1
22 H
VOUT
3.3V
R1
7.5k
C4
1nF
D2
1N4148
+ C5
100 F
SD
Figure 26. 5 V to 3.3 V Buck Regulator
INVERTING (BUCK-BOOST) REGULATOR
The circuit in Figure 27 shows the ADP3050 in a buck-boost
configuration, which produces a negative output voltage from a
positive input voltage. This topology looks quite similar to the
buck shown in Figure 26 above (except the IC and the output
filter are now referenced to the negative output instead of
ground), but its operation is quite different. For this topology,
the feedback pin is grounded and the GND pin is tied to the
negative output, allowing the feedback network of the IC to
regulate the negative output voltage.
U1
ADP3050-5
VIN
1
2
3
4
SWITCH
BOOST
BIAS
FB
IN
GND
SD
COMP
8
7
6
5
C3
0.22 F
D1
1N5818
GND
12V
C1
22 F
+
C2
0.01 F
R1
5.1k
C4
3.3nF
D2
1N4148
+
C5
100 F
SD
5V @ 0.5A
VOUT
L1
47 H
NC
Figure 27. Inverting (Buck-Boost) Regulator
The design procedure used for the standard buck converter cannot
be used for a buck-boost converter due to fundamental differences
in how the output voltage is generated. The switch currents in the
buck-boost are much higher than in the standard buck converter,
thus lowering the available load current. To calculate the maximum
output current for a given maximum switch current use the following
equation:
I
V
VV
I
VV
fL
V
V
OUT
IN
IN
OUT
SW
IN
OUT
SW
IN
OUT
(MAX)
(MAX)
=
+
×
−
×
×× ×
+
()
2
(15)
where ISW(MAX) is the switch current limit rating of the ADP3050
and VIN is the minimum input voltage. The inductor ripple current
can be estimated using the following equation:
I
V
Lf
V
VV
RIPPLE
IN
SW
OUT
IN
OUT
=×
×
+
(MAX)
(MAX)
1
(16)
For the circuit in Figure 27, the maximum ripple current (at the
maximum input voltage) is:
IA
RIPPLE =
×
×
×
×
−
+−
=
−
12
47
10
1
200
10
5
12
5
0 375
63
.
High ripple currents are present in both the input and output
capacitors, and their ripple current ratings must be large enough
to sustain the large switching currents present in this topology.
The capacitors should have a ripple current rating of at least:
II
V
V
RMS
OUT
OUT
IN
(CIN, COUT) ≈×
(17)
The peak current seen by the diode, switch, and inductor can be
found by rearranging the load current equation:
I
VV
V
II
PEAK
IN
OUT
IN
OUT
RIPPLE
=
+
×
 +×


1
2
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com