Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 4 Page - Analog Devices

  ADP3050 Datasheet HTML 1Page - Analog Devices ADP3050 Datasheet HTML 2Page - Analog Devices ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP3050
–4–
REV. 0
– Typical Characteristics
TEMPERATURE – C
VIN = 10V, NO LOAD
1.5
0
45
85
35
25
15
5
5
15
25
35455565
75
4.5
2.0
1.0
0.5
3.5
2.5
4.0
3.0
INTO BIAS PIN
INTO VIN PIN
5.0
Figure 1. Quiescent Operating Current vs. Temperature
SUPPLY VOLTAGE – V
25
20
0
030
10
15
20
25
15
10
5
5
Figure 2. Shutdown Quiescent Current vs. Supply Voltage
SUPPLY VOLTAGE – V
10
8
0
030
10
15
20
25
6
4
2
5
BIAS TIED TO VOUT
VOUT = 3.3V
VOUT = 5V
Figure 3. Quiescent Operating Current vs. Supply Voltage
TEMPERATURE – C
VIN = 10V
0.6
0
45
85
35
25
15
5
5
15
25
35455565
75
1.8
0.8
0.4
0.2
1.4
1.0
1.6
1.2
2.0
Figure 4. Average Output Current Limit vs. Temperature
LOAD CURRENT – A
25
20
0
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
15
10
5
VIN = 10V
Figure 5. Boost Current vs. Load Current
OUTPUT CURRENT – mA
100
90
0
01k
200
400
600
800
60
30
20
10
80
70
40
50
VIN = 6V
VIN = 18V
VIN = 24V
VIN = 30V
L = 33 H
CIN = 22 F
COUT = 100 F
VIN = 12V
Figure 6. 5 V Output Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com