Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices ADP3050 Datasheet HTML 10Page - Analog Devices ADP3050 Datasheet HTML 11Page - Analog Devices ADP3050 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3050
–8–
REV. 0
U1
ADP3050
VIN
1
2
3
4
SWITCH
BOOST
BIAS
FB
IN
GND
SD
COMP
8
7
6
5
R1
20k
R2
21.5k
CF
C3
0.22 F
D1
1N5817
GND
5V
C1
2
10 F
CERAMIC
+
C2
0.01 F
L1
22 H
VOUT
2.5V
RC
7.5k
CC
4.7nF
D2
1N4148
+ C4
2
22 F
CERAMIC
Figure 23. Adjustable Output Application Circuit
APPLICATION INFORMATION
The complete process for designing a step-down switching regu-
lator using the ADP3050 is given in the following sections. Each
section includes a list of recommended devices. These lists do
not include every available device, nor every available manufac-
turer. They contain only surface-mount devices, but equivalent
through-hole devices can be substituted if needed. In choosing
components, keep in mind what is most important to the design
(efficiency, cost, size, etc.) as these things will ultimately deter-
mine which components are used. Also, make sure the design
specifications are clearly defined and that they reflect the worst-
case conditions. Key specifications include the minimum and
maximum input voltage, the output voltage and ripple, and the
minimum and maximum load current.
INDUCTOR SELECTION
The inductor value will determine the mode of operation for the
regulator: continuous mode, where the inductor current flows
continuously; or discontinuous mode, where the inductor current
reduces to zero during every switch cycle. Continuous mode is
the best choice for many applications. It provides higher output
power, lower peak currents in the switch, inductor, and diode,
and a lower inductor ripple current (which means lower output
ripple voltage). Discontinuous mode does allow the use of smaller
magnetics, but at a price: lower available load current, and higher
peak and ripple currents. Designs with a high input voltage or a
low load current often operate in discontinuous mode to mini-
mize inductor value and size. The ADP3050 is designed to work
well in both modes of operation.
Continuous Mode
The inductor current in a continuous mode system is a triangular
waveform (equal to the ripple current) centered around a dc value
(equal to the load current). The amount of ripple current is deter-
mined by the inductor value, and is usually between 20% and 40%
of the maximum load current. To reduce the inductor size, ripple
currents between 40% and 80% are often used in continuous
mode designs with a high input voltage or a low output current.
The inductor value can be calculated using the following equation:
L
VV
If
V
V
IN
OUT
RIPPLE
SW
OUT
IN
=
−
××
(MAX)
(MAX)
1
(2)
Where VIN(MAX) is the maximum input voltage, VOUT is the regu-
lated output voltage, and fSW is the switching frequency (200 kHz).
The initial choice for the amount of ripple current may seem arbi-
trary, but it will serve as a good starting point for finding a standard
off-the-shelf inductor value (i.e., 10
µH, 15 µH, 22 µH, 33 µH, and
47
µH). If a specific inductance value is to be used, simply rearrange
the above equation to find the ripple current. For an 800 mA, 12 V
to 5 V system, and a ripple current of 320 mA (40% of 800 mA) is
chosen, the inductance would be:
LH
=
− ×
×
×=
µ
12
5
032
1
200
10
5
12
45 5
3
.
.
A 47
µH inductor is the closest standard value, which gives a ripple
current of about 310 mA. The peak switch current is equal to the
load current plus one-half the ripple current (this is also the peak
current for the inductor and the catch diode):
II
1
2
I
0.8
0.155
0.95 A
SW(PK)
OUT(MAX)
RIPPLE
=+
=+
=
(3)
Pick an inductor with a dc (or saturation) current rating about
20% larger than ISW(PK) to ensure that the inductor is not running
near the edge of saturation. For this example, 1.20
0.95 A =
1.14 A, so use an inductor with a dc current rating of at least 1.2 A.
The maximum switch current is internally limited to 1.5 A, and
this limit, along with the ripple current, will determine the maxi-
mum load current the system can provide.
If the load current decreases to below one-half the ripple current,
the regulator will operate in discontinuous mode.
Discontinuous Mode
For load currents less than around 0.5 A, discontinuous mode
operation can be used. This will allow the use of a smaller induc-
tor, but the ripple current will be much higher (which means a
higher output ripple voltage). If a larger output capacitor must be
used to reduce the output ripple voltage, the overall system may
actually take up more board area than if a larger inductor was
used. The operation and equations for the two modes are quite
different, but the boundary between these two modes occurs
when the ripple current is equal to twice the load current (when
IRIPPLE = 2
IOUT). From this we can use Equation 2 to find the
minimum inductor value needed to keep the system in continu-
ous mode operation (solve for the inductor value with IRIPPLE =
2
IOUT).
L
VV
If
V
V
DIS
IN
OUT
OUT
SW
OUT
IN
=
−
×
××
(MAX)
(MAX)
2
1
(4)
Using an inductor below this value will cause the system to operate
in discontinuous mode. For a 400 mA, 24 V to 5 V system:
L
H
DIS ≤
−
×
×
×
×
≤µ
24
5
20 4
1
200
10
5
24
24 7
3
.
.
If the chosen inductor value is too small, the internal current
limit will trip each cycle and the regulator will have trouble
providing the necessary load current.
Inductor Core Types and Materials
Many types of inductors are currently available. Numerous core
styles along with numerous core materials often make the selec-
tion process seem even more confusing. A quick overview of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com