Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2104 Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 11Page - Analog Devices ADSP-2104 Datasheet HTML 12Page - Analog Devices ADSP-2104 Datasheet HTML 13Page - Analog Devices ADSP-2104 Datasheet HTML 14Page - Analog Devices ADSP-2104 Datasheet HTML 15Page - Analog Devices ADSP-2104 Datasheet HTML 16Page - Analog Devices ADSP-2104 Datasheet HTML 17Page - Analog Devices ADSP-2104 Datasheet HTML 18Page - Analog Devices ADSP-2104 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADSP-2104/ADSP-2109
REV. 0
–15–
TEST CONDITIONS
Figure 10 shows voltage reference levels for ac measurements.
3.0V
1.5V
0.0V
2.0V
1.5V
0.8V
INPUT
OUTPUT
Figure 10. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
Output Disable Time
Output pins are considered to be disabled when they have
stopped driving and started a transition from the measured
output high or low voltage to a high impedance state. The
output disable time (tDIS) is the difference of tMEASURED and
tDECAY, as shown in Figure 11. The time tMEASURED is the
interval from when a reference signal reaches a high or low
voltage level to when the output voltages have changed by 0.5 V
from the measured output high or low voltage.
The decay time, tDECAY, is dependent on the capacitative load,
CL, and the current load, iL, on the output pin. It can be
approximated by the following equation:
t
DECAY =
C
L × 0.5 V
i
L
from which
tDIS = tMEASURED – tDECAY
is calculated. If multiple pins (such as the data bus) are dis-
abled, the measurement value is that of the last pin to stop
driving.
Output Enable Time
Output pins are considered to be enabled when they have made
a transition from a high-impedance state to when they start
driving. The output enable time (t ENA) is the interval from
when a reference signal reaches a high or low voltage level to
when the output has reached a specified high or low trip point,
as shown in Figure 11. If multiple pins (such as the data bus)
are enabled, the measurement value is that of the first pin to
start driving.
SPECIFICATIONS (ADSP-2104/ADSP-2109)
Figure 12. Equivalent Device Loading for AC Measurements
(Except Output Enable/Disable)
2.0V
1.0V
tENA
REFERENCE
SIGNAL
OUTPUT
tDECAY
VOH (MEASURED)
OUTPUT STOPS
DRIVING
OUTPUT STARTS
DRIVING
tDIS
tMEASURED
VOL (MEASURED)
VOH (MEASURED) – 0.5V
VOL (MEASURED) +0.5V
HIGH-IMPEDANCE STATE.
TEST CONDITIONS CAUSE
THIS VOLTAGE LEVEL TO BE
APPROXIMATELY 1.5V.
VOH (MEASURED)
VOL (MEASURED)
Figure 11. Output Enable/Disable
TO
OUTPUT
PIN
50pF
+1.5V
IOH
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com