Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2104 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 28Page - Analog Devices ADSP-2104 Datasheet HTML 29Page - Analog Devices ADSP-2104 Datasheet HTML 30Page - Analog Devices ADSP-2104 Datasheet HTML 31Page - Analog Devices ADSP-2104 Datasheet HTML 32Page - Analog Devices ADSP-2104 Datasheet HTML 33Page - Analog Devices ADSP-2104 Datasheet HTML 34Page - Analog Devices ADSP-2104 Datasheet HTML 35Page - Analog Devices ADSP-2104 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADSP-2104/ADSP-2109
–32–
REV. 0
Frequency
13.824 MHz
Dependency
Parameter
Min
Max
Min
Max
Unit
Switching Characteristic:
tDW
Data Setup before WR High
23.2
0.5tCK – 13 + w
ns
tDH
Data Hold after WR High
8.1
0.25tCK – 10
ns
tWP
WR Pulse Width
28.2
0.5tCK – 8 + w
ns
tWDE
WR Low to Data Enabled
0
tASW
A0–A13, DMS, PMS Setup before WR Low
8.1
0.25tCK – 10
ns
tDDR
Data Disable before WR or RD Low
8.1
0.25tCK – 10
ns
tCWR
CLKOUT High to WR Low
13.1
28.1
0.25tCK – 5
0.25tCK + 10
ns
tAW
A0–A13, DMS, PMS, Setup before WR Deasserted
32.2
0.75tCK – 22 + w
ns
tWRA
A0–A13, DMS, PMS Hold After WR Deasserted
9.1
0.25tCK – 9
ns
tWWR
WR High to RD or WR Low
31.2
0.5tCK – 5
ns
w = wait states
× t
CK.
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
MEMORY WRITE
CLKOUT
A0 – A13
D
WR
DMS, PMS
RD
tWDE
tDDR
tDH
tWWR
tWRA
tWP
tDW
tAW
tCWR
tASW
Figure 29. Memory Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com