Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2104 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 12Page - Analog Devices ADSP-2104 Datasheet HTML 13Page - Analog Devices ADSP-2104 Datasheet HTML 14Page - Analog Devices ADSP-2104 Datasheet HTML 15Page - Analog Devices ADSP-2104 Datasheet HTML 16Page - Analog Devices ADSP-2104 Datasheet HTML 17Page - Analog Devices ADSP-2104 Datasheet HTML 18Page - Analog Devices ADSP-2104 Datasheet HTML 19Page - Analog Devices ADSP-2104 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
RECOMMENDED OPERATING CONDITIONS
K Grade
Parameter
Min
Max
Unit
VDD
Supply Voltage
3.00
3.60
V
TAMB
Ambient Operating Temperature
0
+70
°C
See “Environmental Conditions” for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
VIH
Hi-Level Input Voltage
1, 3
@ VDD = max
2.0
V
VIL
Lo-Level Input Voltage
1, 3
@ VDD = min
0.4
V
VOH
Hi-Level Output Voltage
2, 3, 6
@ VDD = min, IOH = –0.5 mA
6
2.4
V
VOL
Lo-Level Output Voltage
2, 3, 6
@ VDD = min, IOL = 2 mA
6
0.4
V
IIH
Hi-Level Input Current
1
@ VDD = max, VIN = VDD max
10
µA
IIL
Lo-Level Input Current
1
@ VDD = max, VIN = 0 V
10
µA
IOZH
Three-State Leakage Current
4
@ VDD = max, VIN = VDD max
5
10
µA
IOZL
Three-State Leakage Current
4
@ VDD = max, VIN = 0 V
5
10
µA
CI
Input Pin Capacitance
1, 7, 8
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
CO
Output Pin Capacitance
4, 7, 8, 9
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25°C8
pF
NOTES
1Input-only pins: CLKIN, RESET, IRQ2, BR, MMAP, DR1, DR0.
2 Output pins: BG, PMS, DMS, BMS, RD, WR, A0–A13, CLKOUT, DT1, DT0.
3 Bidirectional pins: D0–D23, SCLK1, RFS1, TFS1, SCLK0, RFS0, TFS0.
4 Three-stateable pins: A0–A13, D0–D23, PMS, DMS, BMS, RD, WR, DT1, SCLK1, RSF1, TFS1, DT0, SCLK0, RFS0, TFS0.
5 0 V on BR, CLKIN Active (to force three-state condition).
6 All outputs are CMOS and will drive to V
DD and GND with no dc loads.
7 Guaranteed but not tested.
8 Applies to PLCC package type.
9Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
ADSP-2104L/ADSP-2109L–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.5 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Operating Temperature Range (Ambient) . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) PLCC . . . . . . . . . . . . . . . . +280
°C
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these
or any other conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
–16–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com