Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2104 Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 20Page - Analog Devices ADSP-2104 Datasheet HTML 21Page - Analog Devices ADSP-2104 Datasheet HTML 22Page - Analog Devices ADSP-2104 Datasheet HTML 23Page - Analog Devices ADSP-2104 Datasheet HTML 24Page - Analog Devices ADSP-2104 Datasheet HTML 25Page - Analog Devices ADSP-2104 Datasheet HTML 26Page - Analog Devices ADSP-2104 Datasheet HTML 27Page - Analog Devices ADSP-2104 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADSP-2104/ADSP-2109
–24–
REV. 0
20 MHz
Parameter
Min
Max
Unit
Timing Requirement:
tRDD
RD Low to Data Valid
12
ns
tAA
A0–A13, PMS, DMS, BMS to Data Valid
19.5
ns
tRDH
Data Hold from RD High
0
Switching Characteristic:
tRP
RD Pulse Width
17
ns
tCRD
CLKOUT High to RD Low
7.5
22.5
ns
tASR
A0–A13, PMS, DMS, BMS Setup before
2.5
ns
RD Low
tRDA
A0–A13, PMS, DMS, BMS Hold after RD
3.5
ns
Deasserted
tRWR
RD High to RD or WR Low
20
ns
Frequency Dependency
(CLKIN
≤ 20 MHz)
Parameter
Min
Max
Unit
Timing Requirement:
tRDD
RD Low to Data Valid
0.5tCK – 13 + w
ns
tAA
A0–A13, PMS, DMS, BMS to Data Valid
0.75tCK – 18 + w
ns
tRDH
Data Hold from RD High
0
Switching Characteristic:
tRP
RD Pulse Width
0.5tCK – 8 + w
ns
tCRD
CLKOUT High to RD Low
0.25tCK – 5
0.25tCK + 10
ns
tASR
A0–A13, PMS, DMS, BMS Setup before
RD Low
0.25tCK – 10
ns
tRDA
A0–A13, PMS, DMS, BMS Hold after RD
Deasserted
0.25tCK – 9
ns
tRWR
RD High to RD or WR Low
0.5tCK – 5
ns
NOTE
w = wait states
× t
CK.
TIMING PARAMETERS (ADSP-2104/ADSP-2109)
MEMORY READ
Figure 22. Memory Read
CLKOUT
A0 – A13
D
RD
WR
DMS, PMS
BMS
tRDH
tRWR
tRP
tASR
tCRD
tAA
tRDD
tRDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com