Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2104 Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 26Page - Analog Devices ADSP-2104 Datasheet HTML 27Page - Analog Devices ADSP-2104 Datasheet HTML 28Page - Analog Devices ADSP-2104 Datasheet HTML 29Page - Analog Devices ADSP-2104 Datasheet HTML 30Page - Analog Devices ADSP-2104 Datasheet HTML 31Page - Analog Devices ADSP-2104 Datasheet HTML 32Page - Analog Devices ADSP-2104 Datasheet HTML 33Page - Analog Devices ADSP-2104 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADSP-2104/ADSP-2109
–30–
REV. 0
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
BUS REQUEST/GRANT
Frequency
13.824 MHz
Dependency
Parameter
Min
Max
Min
Max
Unit
Timing Requirement:
tBH
BR Hold after CLKOUT High1
23.1
0.25tCK + 5
ns
tBS
BR Setup before CLKOUT Low
1
38.1
0.25tCK + 20
ns
Switching Characteristic:
tSD
CLKOUT High to DMS, PMS, BMS, RD, WR Disable
38.1
0.25tCK + 20
ns
tSDB
DMS, PMS, BMS, RD, WR Disable to BG Low
0
0
ns
tSE
BG High to DMS, PMS, BMS, RD, WR Enable
0
0
ns
tSEC
DMS, PMS, BMS, RD, WR Enable to CLKOUT High
8.1
0.25tCK – 10
ns
NOTES
1If BR meets the t
BS and tBH setup/hold requirements, it will be recognized in the current processor cycle; otherwise it is recognized in the following cycle. BR
requires a pulse width greater than 10 ns.
Note: BG is asserted in the cycle after BR is recognized. No external synchronization circuit is needed when BR is generated as an asynchronous signal.
Figure 27. Bus Request/Grant
CLKOUT
PMS, DMS
BMS, RD
WR
BR
BG
CLKOUT
tSD
tSDB
tSE
tSEC
tBH
tBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com