Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2104 Datasheet(PDF) 29 Page - Analog Devices

Part # ADSP-2104
Description  Low Cost DSP Microcomputers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2104 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADSP-2104 Datasheet HTML 25Page - Analog Devices ADSP-2104 Datasheet HTML 26Page - Analog Devices ADSP-2104 Datasheet HTML 27Page - Analog Devices ADSP-2104 Datasheet HTML 28Page - Analog Devices ADSP-2104 Datasheet HTML 29Page - Analog Devices ADSP-2104 Datasheet HTML 30Page - Analog Devices ADSP-2104 Datasheet HTML 31Page - Analog Devices ADSP-2104 Datasheet HTML 32Page - Analog Devices ADSP-2104 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADSP-2104/ADSP-2109
REV. 0
–29–
TIMING PARAMETERS (ADSP-2104L/ADSP-2109L)
INTERRUPTS & FLAGS
Frequency
13.824 MHz
Dependency
Parameter
Min
Max
Min
Max
Unit
Timing Requirement:
tIFS
IRQx1 or FI Setup before CLKOUT Low2, 3
33.1
0.25tCK + 15
ns
tIFH
IRQx
1 or FI Hold after CLKOUT High2, 3
18.1
0.25tCK
ns
Switching Characteristic:
tFOH
FO Hold after CLKOUT High
0
ns
tFOD
FO Delay from CLKOUT High
15
ns
NOTES
1IRQx=IRQ0, IRQ1, and IRQ2.
2If IRQx and FI inputs meet t
IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise they will be recognized during the
following cycle. (Refer to the “Interrupt Controller” section in Chapter 3, Program Control, of the
ADSP-2100 Family User’s Manual for further information on
interrupt servicing.)
3Edge-sensitive interrupts require pulse widths greater than 10 ns. Level-sensitive interrupts must be held low until serviced.
Figure 26. Interrupts & Flags
CLKOUT
FLAG
OUTPUT(S)
tFOD
IRQx
FI
tFOH
tIFH
tIFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com