Electronic Components Datasheet Search
  English  ▼

X  

ADV7175 Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 11Page - Analog Devices ADV7175 Datasheet HTML 12Page - Analog Devices ADV7175 Datasheet HTML 13Page - Analog Devices ADV7175 Datasheet HTML 14Page - Analog Devices ADV7175 Datasheet HTML 15Page - Analog Devices ADV7175 Datasheet HTML 16Page - Analog Devices ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADV7175/ADV7176
REV. A
–15–
622
623
624
625
1
2
3
4
5
67
21
22
23
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
FIELD
DISPLAY
309
310
311
312
313
314
315
316
317
318
319
334
335
336
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
FIELD
DISPLAY
320
Figure 25. Timing Mode 3 (PAL)
PAL–Interlaced: Scan lines 1–6, 311–318 and 624–625 are al-
ways blanked and vertical sync pulses are included in Fields 1,
2, 5 and 6. Scan lines 1–5, 311–319 and 624–625 are always
blanked and vertical sync pulses are included in Fields 3, 4, 7
and 8. The remaining scan lines in the vertical interval are also
blanked and can be used for close captioning data. Burst is dis-
abled on lines 1–6, 311–318 and 623–625 in Fields 1, 2, 5 and
6. Burst is disabled on lines 1–5, 311–319 and 623–625 in
Fields 3, 4, 7 and 8.
PAL–Noninterlaced: Scan lines 1–6 and 311–312 are always
blanked and vertical sync pulses are included. The remaining
scan lines in the vertical interval are also blanked and can be
used for close captioning data. Burst is disabled on lines 1–5,
310–312.
POWER-ON RESET
After power-up, it is necessary to execute a reset operation. A
reset occurs on the falling edge of a high to low transition on the
RESET
pin. This initializes the pixel port such that the pixel
inputs P7–P0 are selected. After reset, the ADV7175/ADV7176
is automatically set up to operate in NTSC mode. Subcarrier
frequency code 21F07C16 HEX is loaded into the subcarrier
frequency registers. All other registers, with the exception of
Mode Register 0, are set to 00H. All bits in Mode Register 0
are set to Logic Level “0” except Bit MR02. Bit MR02 of
Mode Register 0 is set to Logic “1.” This enables the 7.5 IRE
pedestal.
In addition the ADV7175/ADV7176 supports a PAL or NTSC
square pixel operation in slave mode. The part requires an in-
put pixel clock of 24.54 MHz for NTSC and an input pixel
clock of 29.5 MHz for PAL. The internal horizontal line
counters place the various video waveform sections in the cor-
rect location for the new clock frequencies.
The ADV7175/ADV7176 has 8 distinct master or slave timing
configurations. These are divided into 4 timing modes which
operate at one discrete clock frequency (27 MHz). Timing con-
trol is established with the bidirectional SYNC, BLANK and
FIELD/VSYNC pins. Timing Mode Register 1 can also be
used to vary the timing pulse widths and the where they occur in
relation to each other.
OUTPUT VIDEO TIMING
The video timing generator generates the appropriate SYNC,
BLANK and BURST sequence that controls the output analog
waveforms. These sequences are summarized below. In slave
modes the following sequences are synchronized with the input
timing control signals. In master modes the timing generator
free runs and generates the following sequences in addition to
the output timing control signals.
NTSC–Interlaced: Scan lines 1–9 and 264–272 are always
blanked and vertical sync pulses are included. Scan lines 525,
10–21 and 262, 263, 273–284 are also blanked and can be used
for close captioning data. Burst is disabled on lines 1–6, 261–
269 and 523–525.
NTSC–Noninterlaced: Scan lines 1–9 are always blanked
and vertical sync pulses are included. Scan lines 10–21 are also
blanked and can be used for close captioning data. Burst is dis-
abled on lines 1–6, 261–262.
(Continued from page 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com