Electronic Components Datasheet Search
  English  ▼

X  

ADV7175 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 13Page - Analog Devices ADV7175 Datasheet HTML 14Page - Analog Devices ADV7175 Datasheet HTML 15Page - Analog Devices ADV7175 Datasheet HTML 16Page - Analog Devices ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADV7175/ADV7176
REV. A
–17–
SR4
SR3
SR2
SR1
SR0
SR7
SR6
SR5
SR4
SR3 SR2 SR1 SR0
ZERO SHOULD
BE WRITTEN TO
THESE BITS
SR7–SR5
(000)
SUBADDRESS REGISTER
0
0
0
0
0
MODE REGISTER 0
0
0
0
0
1
MODE REGISTER 1
0
0
0
1
0
SUB CARRIER FREQ REGISTER 0
0
0
0
1
1
SUB CARRIER FREQ REGISTER 1
0
0
1
0
0
SUB CARRIER FREQ REGISTER 2
0
0
1
0
1
SUB CARRIER FREQ REGISTER 3
0
0
1
1
0
SUB CARRIER PHASE REGISTER
0
0
1
1
1
TIMING MODE REGISTER 0
0
1
0
0
0
CLOSED CAPTIONING EXTENDED DATA – BYTE 0
0
1
0
0
1
CLOSED CAPTIONING EXTENDED DATA – BYTE 1
0
1
0
1
0
CLOSED CAPTIONING DATA – BYTE 0
0
1
0
1
1
CLOSED CAPTIONING DATA – BYTE 1
0
1
1
0
0
TIMING MODE REGISTER 1
0
1
1
0
1
MODE REGISTER 2
0
1
1
1
0
NTSC PEDESTAL CONTROL REG 0 (FIELD 1/3)
0
1
1
1
1
NTSC PEDESTAL CONTROL REG 1 (FIELD 1/3)
1
0
0
0
0
NTSC PEDESTAL CONTROL REG 2 (FIELD 2/4)
1
0
0
0
1
NTSC PEDESTAL CONTROL REG 3 (FIELD 2/4)
1
0
0
1
0
MODE REGISTER 3
1
0
0
1
1
MACROVISION REGISTERS (ADV7175 ONLY)
•
•
•
•
•
"
"
"
•
•
•
•
•
"
"
"
1
1
1
1
1
MACROVISION REGISTERS (ADV7175 ONLY)
Figure 30. Subaddress Register
REGISTER ACCESSES
The MPU can write to or read from all of the registers of the
ADV7175/ADV7176 except the subaddress register which is a
write only register. The subaddress register determines which
register the next read or write operation accesses. All communi-
cations with the part through the bus start with an access to the
subaddress register. Then a read/write operation is performed
from/to the target address which then increments to the next
address until a stop command on the bus is performed.
REGISTER PROGRAMMING
The following section describes each register, including
subaddress register, mode registers, subcarrier frequency regis-
ters, subcarrier phase register, timing registers, closed captioning
extended data registers, closed captioning data registers and
NTSC pedestal control registers in terms of its configuration.
Subaddress Register (SR7–SR0)
The communications register is an eight bit write-only register.
After the part has been accessed over the bus and a read/write
operation is selected, the subaddress set up. The subaddress
register determines to/from which register the operation takes
place.
Figure 30 shows the various operations under the control of the
subaddress register. Zero should always be written to SR7–
SR5.
Register Select (SR4–SR0):
These bits are setup to point to the required starting address.
MODE REGISTER 0 MR0 (MR07–MR00)
(Address (SR4–SR0) = 00H)
Mode Register 0 is a 8-bit wide register.
Figure 31 shows the various operations under the control of
Mode Register 0. This register can be read from as well written to.
MR01
MR00
MR07
MR02
MR04
MR03
MR05
MR06
OUTPUT VIDEO
STANDARD SELECTION
0
0
NTSC
0
1
PAL (B, D, G, H, I)
1
0
PAL (M)
1
1
RESERVED
MR01 MR00
MR07
(0)
ZERO SHOULD
BE WRITTEN TO
THIS BIT
OUTPUT SELECT
0
YC OUTPUT
1
RGB/YUV OUTPUT
MR06
FILTER SELECT
0
0
LOW PASS FILTER (A)
0
1
NOTCH FILTER
1
0
EXTENDED MODE
1
1
LOW PASS FILTER (B)
MR04 MR03
RGB SYNC
0
DISABLE
1
ENABLE
MR05
PEDESTAL CONTROL
0
PEDESTAL OFF
1
PEDESTAL ON
MR02
Figure 31. Mode Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com