Electronic Components Datasheet Search
  English  ▼

X  

ADV7175 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices ADV7175 Datasheet HTML 22Page - Analog Devices ADV7175 Datasheet HTML 23Page - Analog Devices ADV7175 Datasheet HTML 24Page - Analog Devices ADV7175 Datasheet HTML 25Page - Analog Devices ADV7175 Datasheet HTML 26Page - Analog Devices ADV7175 Datasheet HTML 27Page - Analog Devices ADV7175 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADV7175/ADV7176
REV. A
–24–
APPENDIX 2
CLOSED CAPTIONING
The ADV7175/ADV7176 supports closed captioning conforming to the standard television synchronizing waveform for color trans-
mission. Closed captioning is transmitted during the blanked active line time of line 21 of the odd fields.
Closed captioning consists of a 7-cycle sinusoidal burst that is frequency and phase locked to the caption data. After the clock run in
signal, the blanking level is held for two data bits and is followed by a Logic Level “1” start bit. Sixteen bits of data follow the start
bit. These consist of two 8-bit bytes. The data for these bytes is stored in closed captioning data registers 0 and 1.
The ADV7175/ADV7176 also supports the extended closed captioning operation which is active during even fields and is encoded
on scan line 284. The data for this operation is stored in closed captioning extended data registers 0 and 1.
All clock run-in signals and timing to support closed captioning on lines 21 and 282 are generated automatically by the ADV7175/
ADV7176. All pixels inputs are ignored during lines 21 and 282.
FCC Code of Federal Regulations (CFR) 47 section 15.119 and EIA208 describe the closed captioning information for lines
21 and 284.
13.407µs
S
T
A
R
T
P
A
R
I
T
Y
P
A
R
I
T
Y
D6–D0
D6–D0
10.003µs
17.379µs
33.764µs
50 IRE
40 IRE
FREQUENCY = FSC = 3.579545MHz
AMPLITUDE = 40 IRE
REFERENCE COLOR BURST
(9 CYCLES)
Figure 43. Closed Captioning Waveform (NTSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com