Electronic Components Datasheet Search
  English  ▼

X  

ADV7175 Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 16Page - Analog Devices ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices ADV7175 Datasheet HTML 22Page - Analog Devices ADV7175 Datasheet HTML 23Page - Analog Devices ADV7175 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADV7175/ADV7176
REV. A
–20–
HSYNC
to VSYNC/FIELD Delay Control (TR13–TR12)
These bits adjust the position of the HSYNC output relative to
the FIELD/VSYNC output.
HSYNC
to FIELD Delay Control (TR15–TR14)
When the ADV7175/ADV7176 is in Timing Mode 1, these bits
adjust the position of the HSYNC output relative to the FIELD
output rising edge.
VSYNC
Width (TR15–TR14)
When the ADV7175/ADV7176 is in Timing Mode 2, these bits
adjust the VSYNC pulse width.
HSYNC
to Pixel Data Adjust (TR17–TR16)
This enables the HSYNC to be adjusted with respect to the
pixel data. This allows the Cr and Cb components to be
swapped. This adjustment is available in both master and slave
timing modes.
MODE REGISTER 2 MR2 (MR27–MR20)
(Address (SR4-SR0) = 0DH)
Mode Register 2 is an 8-bit wide register.
Figure 38 shows the various operations under the control of
Mode Register 2. This register can be read from as well written to.
MODE REGISTER 2 (MR27–MR20) BIT DESCRIPTION
Square Pixel Mode Control (MR20)
This bit is used to setup square pixel mode. This is available in
slave mode only. For NTSC, a 24.54 MHz clock must be sup-
plied. For PAL, a 29.5 MHz clock must be supplied.
Genlock Control (MR22–MR21)
These bits control the genlock feature of the ADV7175/
ADV7176 Setting MR21 to a Logic “1” configures the
SCRESET/RTC pin as an input. Setting MR22 to logic level
“0” configures the SCRESET/RTC pin as a subcarrier reset in-
put. Therefore, the subcarrier will reset to Field 0 following a
low to high transition on the SCRESET/RTC pin. Setting
MR22 to Logic Level “1” configures the SCRESET/RTC pin as
a real time control input.
CLOSED CAPTIONING EXTENDED DATA REGISTERS
1–0 (CED15–CED00)
(Address (SR4–SR0) = 09–08H)
These 8-bit wide registers are used to set up the closed
captioning extended data bytes. Figure 35 shows how the high
and low bytes are set up in the registers.
BYTE 1
BYTE 0
CED6
CED5
CED3
CED1
CED4
CED2
CED0
CED7
CED14 CED13
CED11
CED9
CED12
CED10
CED8
CED15
Figure 35. Closed Captioning Extended Data Register
CLOSED CAPTIONING DATA REGISTERS 1–0
(CCD15–CCD00)
(Subaddress (SR4–SR0) = 0B–0AH)
These 8-bit wide registers are used to set up the closed
captioning data bytes. Figure 36 shows how the high and low
bytes are set up in the registers.
BYTE 1
BYTE 0
CCD6
CCD5
CCD3
CCD1
CCD4
CCD2
CCD0
CCD7
CCD14 CCD13
CCD11
CCD9
CCD12
CCD10
CCD8
CCD15
Figure 36. Closed Captioning Data Register
TIMING REGISTER 1 (TR17–TR10)
(Address (SR4–SR0) = 0CH)
Timing Register 1 is an 8-bit wide register.
Figure 37 shows the various operations under the control of
Timing Register 1. This register can be read from as well
written to. This register can be used to adjust the width and
position of the master mode timing signals.
TIMING REGISTER 1 (TR17–TR10) BIT DESCRIPTION
HSYNC
Width (TR11–TR10)
These bits adjust the HSYNC pulse width.
TR11
TR10
TR17
TR12
TR13
TR15
TR16
TR14
HSYNC WIDTH
0
0
1 x TPCLK
0
1
4 x TPCLK
1
0
16 x TPCLK
1
1
128 x TPCLK
TR11 TR10
Ta
HSYNC TO FIELD
RISING EDGE DELAY
(MODE 1 ONLY)
x0
Tb
x1
Tb + 32µs
TR15 TR14
Tc
HSYNC TO PIXEL
DATA ADJUSTMENT
TR17 TR16
0
0
0 x TPCLK
0
1
1 x TPCLK
1
0
2 x TPCLK
1
1
3 x TPCLK
HSYNC TO
FIELD/
VSYNC DELAY
TR13 TR12
0
0
1 x TPCLK
0
1
3 x TPCLK
1
0
16 x TPCLK
1
1
64 x TPCLK
VSYNC WIDTH
(MODE 2 ONLY)
TR15 TR14
0
0
1 x TPCLK
0
1
4 x TPCLK
1
0
16 x TPCLK
1
1
64 x TPCLK
LINE 313
LINE 314
LINE 1
Tb
TIMING MODE 1 (MASTER/PAL)
HSYNC
FIELD/
VSYNC
Ta
Tc
Figure 37. Timing Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com