Electronic Components Datasheet Search
  English  ▼

X  

ADV7175 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 12Page - Analog Devices ADV7175 Datasheet HTML 13Page - Analog Devices ADV7175 Datasheet HTML 14Page - Analog Devices ADV7175 Datasheet HTML 15Page - Analog Devices ADV7175 Datasheet HTML 16Page - Analog Devices ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADV7175/ADV7176
REV. A
–16–
MPU PORT DESCRIPTION
The ADV7175 and ADV7176 support a two wire serial (I
2C
compatible) microprocessor bus driving multiple peripherals.
Two inputs serial data (SDATA) and serial clock (SCLOCK)
carry information between any device connected to the bus.
Each slave device is recognized by a unique address. The
ADV7175 and ADV7176 each have four possible slave ad-
dresses for both read and write operations. These are unique
addresses for each device and are illustrated in Figure 26 and
Figure 27. The LSB sets either a read or write operation.
Logic Level “1” corresponds to a read operation while Logic
Level “0” corresponds to a write operation. A1 is set by setting
the ALSB pin of the ADV7175/ADV7176 to Logic Level “0” or
Logic Level “1.”
1
X
1010
1
A1
ADDRESS
CONTROL
SET UP BY
ALSB
READ/WRITE
CONTROL
0
WRITE
1
READ
Fig 26. ADV7175 Slave Address
0
X
1010
1
A1
ADDRESS
CONTROL
SET UP BY
ALSB
READ/WRITE
CONTROL
0
WRITE
1
READ
Fig 27. ADV7176 Slave Address
To control the various devices on the bus the following protocol
must be followed. First the master initiates a data transfer by es-
tablishing a start condition, defined by a high to low transition
on SDATA while SCLOCK remains high. This indicates that
an address/data stream will follow. All peripherals respond to
the start condition and shift the next eight bits (7-bit address +
R/W bit). The bits transferred from MSB down to LSB. The
peripheral that recognizes the transmitted address responds by
pulling the data line low during the ninth clock pulse. This is
known as an acknowledge bit. All other devices withdraw from
the bus at this point and maintain an idle condition. The idle
condition is where the device monitors the SDATA and SCLOCK
lines waiting for the Start condition and the correct transmitted
address. The R/W bit determines the direction of the data. A
Logic “0” on the LSB of the first byte means that the master
will write information to the peripheral. A Logic “1” on the
LSB of the first byte means that the master will read informa-
tion from the peripheral.
The ADV7175/ADV7176 acts as a standard slave device on the
bus. The data on the SDATA pin is 8 bits long supporting the
7-bit addresses plus the R/W bit. The ADV7175 has 33 sub-
addresses and the ADV7176 has 19 subaddresses to enable ac-
cess to the internal registers. It, therefore, interprets the first
byte as the device address and the second byte as the starting
subaddress. The subaddresses auto increment allowing data to
be written to or from the starting subaddress. A data transfer is
always terminated by a stop condition. The user can also access
any unique subaddress register on a one by one basis without
having to update all the registers. There is one exception. The
Subcarrier Frequency Registers should be updated in sequence,
starting with Subcarrier Frequency Register 0. The auto incre-
ment function should be then used to increment and access
subcarrier frequency registers 1, 2 and 3. The subcarrier fre-
quency registers should not be accessed independently.
Stop and start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of se-
quence with normal read and write operations, then these cause
an immediate jump to the idle condition. During a given
SCLOCK high period the user should only issue one start con-
dition, one stop condition or a single stop condition followed by
a single start condition. If an invalid subaddress is issued by the
user, the ADV7175/ADV7176 will not issue an acknowledge
and will return to the idle condition. If in auto-increment
mode, the user exceeds the highest subaddress then the follow-
ing action will be taken:
1. In Read Mode the highest subaddress register contents will
continue to be output until the master device issues a no-ac-
knowledge. This indicates the end of a read. A no-acknowledge
condition is where the SDATA line is not pulled low on the
ninth pulse.
2. In Write Mode, the data for the invalid byte will be not be
loaded into any subaddress register, a no-acknowledge will
be issued by the ADV7175/ADV7176 and the part will re-
turn to the idle condition.
Figure 28 illustrates an example of data transfer for a read se-
quence and the start and stop conditions.
1-7
8
9
1-7
8
9
1-7
8
9
P
S
START ADDR R/
W ACK SUBADDRESS ACK
DATA
ACK
STOP
SDATA
SCLOCK
Figure 28. Bus Data Transfer
Figure 29 shows bus write and read sequences.
DATA
A(S)
S
SLAVE ADDR
A(S)
SUB ADDR
A(S)
LSB = 0
LSB = 1
DATA
A(S)
P
S
SLAVE ADDR
A(S)
SUB ADDR
A(S) S
SLAVE ADDR
A(S)
DATA
A(M)
A(M)
DATA
P
WRITE
SEQUENCE
READ
SEQUENCE
A(S) = NO-ACKNOWLEDGE BY SLAVE
A(M) = NO-ACKNOWLEDGE BY MASTER
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
S = START BIT
P = STOP BIT
Figure 29. Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com