Electronic Components Datasheet Search
  English  ▼

X  

THS7320 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 12Page - Texas Instruments THS7320 Datasheet HTML 13Page - Texas Instruments THS7320 Datasheet HTML 14Page - Texas Instruments THS7320 Datasheet HTML 15Page - Texas Instruments THS7320 Datasheet HTML 16Page - Texas Instruments THS7320 Datasheet HTML 17Page - Texas Instruments THS7320 Datasheet HTML 18Page - Texas Instruments THS7320 Datasheet HTML 19Page - Texas Instruments THS7320 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
0.035
0.03
0.025
0.02
0.015
0.01
0.005
0
2nd
6th
4th
5th
3rd
1st
V
=5V
S+
NTSC
PAL
Step
G041
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
2nd
6th
4th
5th
3rd
1st
V
=5V
S+
PAL
NTSC
Step
G042
5
10
15
20
25
30
1 M
10 M
100 M
Frequency (Hz)
VS+ = 5 V
VOUT = 200 mVPP
Input Bias = 0.5 VDC
G006
360
315
270
225
180
135
90
45
0
45
100k
1M
10M
100M
Frequency(Hz)
VS+ =5V
VOUT =200mVPP
InputBias=0.5 VDC
G038
8.5
9
9.5
10
10.5
11
11.5
12
12.5
1M
10M
100M
Frequency (Hz)
VOUT = 200 mVPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 2.5 VPP
VS+ = 5 V
Input Bias = 0.5 VDC
−50
−40
−30
−20
−10
0
10
20
1 M
10 M
100 M
1 G
Frequency (Hz)
VOUT = 200 mVPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 2.5 VPP
VS+ = 5 V
Input Bias = 0.5 VDC
G018
THS7320
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS: VS+ = 5 V
At TA = +25°C, load = 150 Ω || 6.2 pF to GND, and dc-coupled input/output, unless otherwise noted.
SIGNAL GAIN vs FREQUENCY
SIGNAL GAIN vs FREQUENCY
Figure 36.
Figure 37.
PHASE vs FREQUENCY
GROUP DELAY vs FREQUENCY
Figure 38.
Figure 39.
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
Figure 40.
Figure 41.
16
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com