Electronic Components Datasheet Search
  English  ▼

X  

THS7320 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 13Page - Texas Instruments THS7320 Datasheet HTML 14Page - Texas Instruments THS7320 Datasheet HTML 15Page - Texas Instruments THS7320 Datasheet HTML 16Page - Texas Instruments THS7320 Datasheet HTML 17Page - Texas Instruments THS7320 Datasheet HTML 18Page - Texas Instruments THS7320 Datasheet HTML 19Page - Texas Instruments THS7320 Datasheet HTML 20Page - Texas Instruments THS7320 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
40
50
60
70
80
90
100
-
-
-
-
-
-
-
1M
10M
Frequency(Hz)
V
=5V
InputBias=0.5V
S+
DC
V
=0.25V
OUT
PP
V
=0.5V
OUT
PP
V
=1V
OUT
PP
V
=1.4V
OUT
PP
V
=2V
OUT
PP
V
=3V
OUT
PP
G024
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
-50
400
Time(ns)
350
300
250
200
150
100
50
0
1
0.5
0
0.5
1
1.5
-
-
-
Inputt /t =1ns
R F
OutputVoltage
Waveforms
Inputt /t =1ns
R F
Inputt /t =70ns
R F
Inputt /t =70ns
R F
InputVoltageWaveforms
V
=5V
S+
G039
40
50
60
70
80
90
100
-
-
-
-
-
-
-
1M
10M
Frequency(Hz)
V
=5V
InputBias=0.5V
S+
DC
V
=0.25V
OUT
PP
V
=0.5V
OUT
PP
V
=1V
OUT
PP
V
=1.4V
OUT
PP
V
=2V
OUT
PP
V
=3V
OUT
PP
G007
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
Frequency (Hz)
Ch. 1 into Ch. 2
Ch. 1 into Ch. 3
Ch. 2 into Ch. 1
Ch. 2 into Ch. 3
Ch. 3 into Ch. 1
Ch. 3 into Ch. 2
VS+ = 5 V
G003
−50
−40
−30
−20
−10
0
10
20
1M
10M
100M
1G
Frequency (Hz)
RL = 75 Ω
RL = 150 Ω
RL = Open
VS+ = 5 V
VOUT = 200 mVPP
Input Bias = 0.5 VDC
−60
−50
−40
−30
−20
−10
0
10
20
1 M
10 M
100 M
1 G
Frequency (Hz)
CL = Stray (2 pF)
CL = 6.2 pF
CL = 10 pF
CL =18 pF
VS+ = 5 V
Load = 150
Ω || C
L
VOUT = 200 mVPP
Input Bias = 0.5 VDC
G031
THS7320
www.ti.com
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS: VS+ = 5 V (continued)
At TA = +25°C, load = 150 Ω || 6.2 pF to GND, and dc-coupled input/output, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
vs CAPACITIVE LOAD
vs RESISTIVE LOAD
Figure 42.
Figure 43.
SECOND-ORDER HARMONIC DISTORTION
CROSSTALK vs FREQUENCY (1)
vs FREQUENCY
Figure 44.
Figure 45.
THIRD-ORDER HARMONIC DISTORTION
vs FREQUENCY
LARGE-SIGNAL PULSE RESPONSE vs TIME
Figure 46.
Figure 47.
(1)
Measured at output connector relative to source output connector.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com