Electronic Components Datasheet Search
  English  ▼

X  

THS7320 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 20Page - Texas Instruments THS7320 Datasheet HTML 21Page - Texas Instruments THS7320 Datasheet HTML 22Page - Texas Instruments THS7320 Datasheet HTML 23Page - Texas Instruments THS7320 Datasheet HTML 24Page - Texas Instruments THS7320 Datasheet HTML 25Page - Texas Instruments THS7320 Datasheet HTML 26Page - Texas Instruments THS7320 Datasheet HTML 27Page - Texas Instruments THS7320 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
+2.6Vto+5V
Enable
75 W
Out1
Channel1
R
75 W
LPF
3Pole
20MHz
6dB
x2
Level
Shift
Out2
Channel2
R
75 W
75 W
LPF
3Pole
20MHz
6dB
x2
Level
Shift
Channel3
R
Out3
75 W
75 W
LPF
3Pole
20MHz
6dB
x2
Level
Shift
330
F
m
330
F
m
330
F
m
THS7320
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
www.ti.com
There are many reasons dc-coupling is desirable, including reduced costs, PCB area reduction, and no line tilt or
field tilt. A common question is whether or not there are any drawbacks to using dc-coupling. There are a few
potential issues that must be examined, such as the dc current bias as discussed above. Another potential risk is
whether this configuration meets industry standards. EIA-770 stipulates that the back porch shall be 0 V ± 1 V as
measured at the receiver. With a double-terminated load system, this requirement implies a 0-V ± 2-V level at the
video amplifier output. The THS7320 can easily meet this requirement without issue. However, in Japan, the
EIAJ CP-1203 specification stipulates a 0-V ± 0.1-V level with no signal. This requirement can be met with the
THS7320 in disable mode, but while active it cannot meet this specification without output ac-coupling.
AC-COUPLED OUTPUT
A very common method of coupling the video signal to the line is with a large capacitor. This capacitor is typically
between 220
μF and 1000 μF, although 470 μF is very typical. The value of this capacitor must be large enough
to minimize the line tilt (droop) and/or field tilt associated with ac-coupling as described previously in this
document. AC-coupling is performed for several reasons, but the most common is to ensure full interoperability
with the receiving video system. This approach ensures that regardless of the reference dc voltage used on the
transmitting side, the receiving side re-establishes the dc reference voltage to its own requirements.
In the same way as the dc output mode of operation discussed previously, each line should have a 75-
Ω source
termination resistor in series with the ac-coupling capacitor. This 75-
Ω series resistor should be placed next to
the THS7320 output to minimize capacitive loading effects.
Because of the edge rates and frequencies of operation, it is recommended (but not required) to place a 0.1-
μF
to 0.01-
μF capacitor in parallel with the large 220-μF to 1000-μF capacitor. These large value capacitors are
generally aluminum electrolytic. It is well-known that these capacitors have significantly large equivalent series
resistance (ESR), and the impedance at high frequencies is rather large as a result of the associated
inductances involved with the leads and construction. The small 0.1-
μF to 0.01-μF capacitors help pass these
high-frequency signals (greater than 1 MHz) with much lower impedance than the large capacitors.
Although it is common to use the same capacitor values for all the video lines, the frequency bandwidth of the
chroma signal in an S-Video system is not required to perform at as low (or as high) a frequency as the luma
channels. Thus, the capacitor values of the chroma line(s) can be smaller, such as 0.1
μF.
Figure 58 shows a typical configuration where the input is dc-coupled and the output is also ac-coupled. AC-
coupled inputs are generally required when current-sink DACs are used or the input is connected to an unknown
source, such as when the THS7320 is used as an input device.
Figure 58. Typical DC Input System Driving AC-Coupled Video Lines
24
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com