Electronic Components Datasheet Search
  English  ▼

X  

THS7320 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 3 Page - Texas Instruments

  THS7320 Datasheet HTML 1Page - Texas Instruments THS7320 Datasheet HTML 2Page - Texas Instruments THS7320 Datasheet HTML 3Page - Texas Instruments THS7320 Datasheet HTML 4Page - Texas Instruments THS7320 Datasheet HTML 5Page - Texas Instruments THS7320 Datasheet HTML 6Page - Texas Instruments THS7320 Datasheet HTML 7Page - Texas Instruments THS7320 Datasheet HTML 8Page - Texas Instruments THS7320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
THS7320
www.ti.com
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS: VS+ = 3 V, Video Section
At TA = +25°C, load = 150 Ω || 6.2 pF to GND, and dc-coupled input and output, unless otherwise noted.
THS7320IYHC
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
–0.1 dB, relative to 1 MHz
11
MHz
C
Passband bandwidth
±1 dB, relative to 1 MHz
14
17
MHz
A
–3-dB bandwidth
Relative to 1 MHz
17
20
MHz
B
f = 43 MHz, relative to 1 MHz
–21
–12
dB
A
Normalized stop band gain
f = 54 MHz, relative to 1 MHz
–27
dB
C
Group delay
f = 100 kHz
19
ns
C
Group delay variation
f = 11 MHz with respect to 1 MHz
4
ns
C
Channel-to-channel delay
0.3
ns
C
Differential gain
NTSC and PAL
0.1
%
C
Differential phase
NTSC and PAL
0.1
°
C
Total harmonic distortion
f = 1 MHz, VO = 1.4 VPP
–80
dB
C
100 kHz to 13.5 MHz, non-weighted
65
dB
C
100 kHz to 13.5 MHz, unified weighting
75
dB
C
Signal-to-noise ratio
100 kHz to 6 MHz, non-weighted
69
dB
C
100 kHz to 6 MHz, unified weighting
78
dB
C
Rise/fall time
VOUT = 2-V step
20
ns
C
Slew rate
VOUT = 2-V step
80
V/µs
C
f = 12 MHz
1.4
Ω
C
Output impedance
f = 12 MHz, return loss
41
dB
C
Disabled
20 || 11
k
Ω || pF
C
Crosstalk
Output referred at connectors, f = 10 MHz
–51
dB
C
DC PERFORMANCE
Biased output voltage
VIN = 0 V
75
150
320
mV
A
Input voltage range
At dc input, limited by output
–0.03 to 0.65
V
C
Input bias current
–1000
–130
–40
nA
A
Input resistance
2.4 || 2
M
Ω || pF
C
Voltage gain
3.92
4
4.08
V/V
A
Gain matching
Channel-to-channel
–1
±0.2
+1
%
A
OUTPUT CHARACTERISTICS
High output voltage swing
RL = 150 Ω to GND
2.62
2.8
V
A
Low output voltage swing
RL = 150 Ω to GND
0.01
V
C
Output current
Short-circuit
65
mA
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation only. (C) Typical value only for information.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com