Electronic Components Datasheet Search
  English  ▼

X  

THS7320 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 23Page - Texas Instruments THS7320 Datasheet HTML 24Page - Texas Instruments THS7320 Datasheet HTML 25Page - Texas Instruments THS7320 Datasheet HTML 26Page - Texas Instruments THS7320 Datasheet HTML 27Page - Texas Instruments THS7320 Datasheet HTML 28Page - Texas Instruments THS7320 Datasheet HTML 29Page - Texas Instruments THS7320 Datasheet HTML 30Page - Texas Instruments THS7320 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
THS7320
www.ti.com
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
EVALUATION MODULE
To evaluate the THS7320, an evaluation module (EVM) is available. The EVM allows dc-coupled input and
output configurations. Inputs and outputs include BNC connectors commonly found in video systems along with
75-
Ω effective input termination resistors, 75-Ω series source termination resistors, and 75-Ω characteristic
impedance traces. This EVM is designed to be used with a single supply from 2.6 V up to 5 V.
The EVM input configuration sets all channels for dc input coupling. The input signal must be within 0 V to
approximately 0.75 V for proper operation. Failure to be within this range saturates and/or clips the output signal.
Refer to the Application Information section for further information.
The THS7320 incorporates an easy method to configure the enable mode. JP1 controls the enable feature.
Connecting JP1 to GND applies 0 V to the enable pin and the THS7320 is placed into shutdown mode
consuming nominally 0.15
μA of quiescent current. Moving JP1 to +VS causes the THS7320 to be in normal
operation mode where the quiescent current should be nominally 3.4 mA for the entire EVM. This quiescent
current is with no load or no signal applied on the input. Adding a load or input signal causes the quiescent
current to vary accordingly.
An example procedure to confirm proper device operation with standard lab equipment is described in the
following sections.
REQUIRED EQUIPMENT
•
One dc power supply: +3.0 V, 50-mA output (minimum) is recommended
•
One dc current meter: resolution to 1 mA, capable of maximum current the dc power supply can supply
•
Function or arbitrary waveform generator
•
Oscilloscope: 50-MHz bandwidth (minimum) is recommended
•
Banana-to-banana patch cords
•
BNC test cables
BASIC SETUP
1. Set the dc power supply to +3.0 V. Set the current limit on the dc power supply to 50 mA.
2. Connect the positive (+) terminal of the power supply to the positive (+) terminal of the current meter.
3. Connect the negative (–) terminal of the current meter to the VS+ terminal of the EVM (J7).
4. Connect the common ground terminal of the power supply to the ground (GND) terminal on the EVM (J8).
5. Connect the output of the waveform generator to the channel 1 input on the EVM (J1)
6. Connect the probe ground to the GND of the EVM.
TESTING THE EVM
The EVM can be tested by following these steps:
1. Enable the 3.0-VDC power supply.
2. Verify that the current meter is reading nominally 3.5 mA (2.7 mA to 4.7 mA, minimum and maximum).
3. Set the function generator such that a 1-MHz, 0.5-VPP sine wave (with an 0.40-VDC offset) appears on the
THS7320 input pin. The function generator ac and dc levels may have to be adjusted to ensure the proper
voltage appears on the THS7320 input pins because most function generators have a 50-
Ω source
impedance and the THS7320 incorporates a double 37.4-
Ω resistor termination divider scheme for a total 75-
Ω termination.
4. Probe the device side of R12, which is connected to the THS7320 channel 1 output pin.
5. Verify that the oscilloscope displays the THS7320 channel 1 output voltage amplitude as 2.0 VPP ±0.1 V with
a nominal 1.75-VDC offset.
6. Repeat steps 3 through 5 for channels 2 and 3.
7. When confirmed, turn off the function generator and power supply.
8. Note that if video equipment is used with the THS7320EVM, the proper input and output 75-
Ω terminations
already exist on the EVM along with the proper input voltage divider. This functionality makes the EVM very
easy to test video signals with no modifications to the EVM.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com