Electronic Components Datasheet Search
  English  ▼

X  

THS7320 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 26Page - Texas Instruments THS7320 Datasheet HTML 27Page - Texas Instruments THS7320 Datasheet HTML 28Page - Texas Instruments THS7320 Datasheet HTML 29Page - Texas Instruments THS7320 Datasheet HTML 30Page - Texas Instruments THS7320 Datasheet HTML 31Page - Texas Instruments THS7320 Datasheet HTML 32Page - Texas Instruments THS7320 Datasheet HTML 33Page - Texas Instruments THS7320 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
THS7320
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
www.ti.com
THS7320IYHC EVM Bill of Materials
Table 5. THS7320 EVM
MANUFACTURER
DISTRIBUTOR
ITEM
REF DES
QTY
DESCRIPTION
SMD SIZE
PART NUMBER
PART NUMBER
1
FB1
1
Bead, ferrite, 2.5 A, 330
Ω
0805
(TDK) MPZ2012S331A
(Digi-Key) 445-1569-1-ND
2
C6
1
Capacitor, 4.7 µF, tantalum, 35V, 10%, low ESR
C
(AVX) TPSC475K035R0600
(Digi-Key) 478-1772-1-ND
3
CX1-CX3
3
Open
0805
—
—
4
C5
1
Capacitor, 0.1 µF, ceramic, 16V, X7R
0402
(TDK) C1005X7R1C104K
(Digi-Key) 445-4952-1-ND
5
C7
1
Capacitor, 0.1 µF, ceramic, 16V, X7R
0603
(AVX) 0603YC104KAT2A
(Digi-Key) 478-1239-1-ND
6
C1
1
Capacitor, 0.1 µF, ceramic, 50V, X7R
0805
(AVX) 08055C104KAT2A
(Digi-Key) 478-1395-1-ND
(Digi-Key) PCE4526CT-
7
C2-C4
3
Capacitor, aluminum, 470 µF, 10V, 20%
F
(Panasonic) EEE-FP1A471AP
ND
R1-R3, R11,
8
7
Open
0805
—
—
RX1-RX3
(Digi-Key) RHM0.0ARCT-
9
Z1-Z3
3
Resistor, 0
Ω, 1/8W
0805
(ROHM) MCR10EZPJ000
ND
(Digi-Key) RHM37.4CCT-
10
R4-R9
6
Resistor, 37.4
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF37R4
ND
(Digi-Key) RHM75.0CCT-
11
R12-R14
3
Resistor, 75
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF75.0
ND
(Digi-Key) RHM1.00KCCT-
12
R10
1
Resistor, 1 k
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF1001
ND
13
J7, J8
2
Jack, banana receptance, 0.25" dia. hole
—
(SPC) 15459
(Newark) 79K5034
14
J1-J6
6
Connector, BNC, jack, 75
Ω
—
(Amphenol) 31-5329-72RFX
(Newark) 93F7554
15
JP1
1
Header, 0.1" CTRS, 0.025" sq. pins
3 POS.
(Sullins) PBC36SAAN
(Digi-Key) S1011E-36-ND
16
JP1
1
Shunts
—
(Sullins) SSC02SYAN
(Digi-Key) S9002-ND
17
U1
1
IC, THS7320
YHC
(TI) THS7320IYHC
—
18
—
4
Standoff, 4-40 HEX, 0.625" length
—
(Keystone) 1808
(Digi-Key) 1808K-ND
19
—
4
Screw, Phillips, 4-40, 0.250"
—
PMSSS 440 0025 PH
(Digi-Key) H703-ND
20
—
1
Board, printed circuit
—
EDGE # 6522214 REV.A
—
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2012) to Revision B
Page
•
Added the Required Equipment, Basic Setup, and Testing the EVM sections .................................................................. 27
Changes from Original (July 2011) to Revision A
Page
•
Added THS7320IYHCT row to Package/Ordering Information table .................................................................................... 2
30
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com