Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 5Page - Linear Technology LTC4151 Datasheet HTML 6Page - Linear Technology LTC4151 Datasheet HTML 7Page - Linear Technology LTC4151 Datasheet HTML 8Page - Linear Technology LTC4151 Datasheet HTML 9Page - Linear Technology LTC4151 Datasheet HTML 10Page - Linear Technology LTC4151 Datasheet HTML 11Page - Linear Technology LTC4151 Datasheet HTML 12Page - Linear Technology LTC4151 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2945
9
2945f
BLOCK DIAGRAM
2945 BD
VDD
SENSE+
20X
5.7V
735k
15k
6.3V
GND
INTVCC
SENSE–
ADIN
ADR1
ADR0
ALERT
MUX
12-BIT ADC
DECODER
VREF= 2.048V
SDAO/SDAO
SDAI
SCL
I C
2
12
735k
15k
(LTC2945 / LTC2945-1)
6.4V
6.4V
LOGIC
REGISTERS
VSTBY
VSTBY
GEN
VSTBY
TIMING DIAGRAM
tSP
tBUF
tSU,STO
tSP
tHD,STA
START
CONDITION
STOP
CONDITION
tSU,STA
tHD,DATI
tHD,DATO
REPEATED START
CONDITION
REPEATED START
CONDITION
tSU,DAT
SDA
SCL
tHD,STA
2945 TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com