Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 22Page - Linear Technology LTC4151 Datasheet HTML 23Page - Linear Technology LTC4151 Datasheet HTML 24Page - Linear Technology LTC4151 Datasheet HTML 25Page - Linear Technology LTC4151 Datasheet HTML 26Page - Linear Technology LTC4151 Datasheet HTML 27Page - Linear Technology LTC4151 Datasheet HTML 28Page - Linear Technology LTC4151 Datasheet HTML 29Page - Linear Technology LTC4151 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC2945
26
2945f
Power Monitoring in –48V System Using Low Side Sensing (1.5kHz I2C Interface)
TYPICAL APPLICATIONS
C1
1μF
CONTROL REGISTER A2 = 0
MOCD207M
MOCD207M
2945 TA05
ADR0
ADR1
SCL
VDD INTVCC
VEE
SDAI
SDAO
ADIN
ALERT
SENSE–
GND
SENSE+
LTC2945
C2
0.1μF
–48V
RTN
VEE
–48V INPUT
R7
0.51k
R3
1k
R4
1k
VOUT
R8
0.51k
R9
10k
R10
10k
R11
10k
3.3V
RSNS
0.02Ω
VDD
GND
μP
SCL
SDA
INT
R1
20k
R2
20k
VCC
GND
RSHUNT
3
× 1.8k IN SERIES
C1
1μF
HCPL-063L
CONTROL REGISTER A0 = 0
VEE
VEE
HCPL-063L
2945 TA06
ADR0
ADR1
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
SENSE–
GND
SENSE+
LTC2945
VCC
GND
–48V
RTN
VEE
–48V INPUT
R7
0.51k
R3
0.51k
R4
1k
VOUT
C2
1μF
R8
0.51k
R9
1k
R10
1k
R11
10k
3.3V
3.3V
RSNS
0.02Ω
VDD
GND
μP
SCL
SDA
INT
R12
100
Q1
PZTA42
D1
1N4148WS
R1
1k
R2
1k
R5
735k
R6
15k
Power Monitoring in –48V Harsh Environment Using INTVCC Shunt Regulator to Tolerate 200V Transients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com