Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 11Page - Linear Technology LTC4151 Datasheet HTML 12Page - Linear Technology LTC4151 Datasheet HTML 13Page - Linear Technology LTC4151 Datasheet HTML 14Page - Linear Technology LTC4151 Datasheet HTML 15Page - Linear Technology LTC4151 Datasheet HTML 16Page - Linear Technology LTC4151 Datasheet HTML 17Page - Linear Technology LTC4151 Datasheet HTML 18Page - Linear Technology LTC4151 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC2945
15
2945f
Figure 4. LTC2945 Fault Alert Generation Blocks
APPLICATIONS INFORMATION
Figure 5. General Data Transfer over I2C
DIGITAL
COMPARATOR
LOGIC
LATCH
STATUS
RESET
FAULT
ALERT
ENA_ALERT_RESPONSE
MEASURED
DATA
THRESHOLD
DATA
2945 F04
SDA
SCL
S
P
a6 - a0
b7 - b0
b7 - b0
1 - 7
1 - 7
1 - 7
88
8
99
9
START
CONDITION
STOP
CONDITION
ADDRESS
ACK
DATA
DATA
ACK
ACK
R/W
2945 F05
Figure 6. LTC2945 Serial Bus SDA Write Byte Protocol
Figure 7. LTC2945 Serial Bus SDA Write Word Protocol
Figure 8. LTC2945 Serial Bus SDA Write Page Protocol
Figure 9. LTC2945 Serial Bus SDA Read Byte Protocol
Figure 10. LTC2945 Serial Bus SDA Read Word Protocol
Figure 11. LTC2945 Serial Bus SDA Read Page Protocol
S
ADDRESS
1 1 0 a3:a0
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
COMMAND
DATA
X X b5:b0
0
W
00
0
b7:b0
A
A
AP
2945 F06
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
S
ADDRESS
1 1 0 a3:a0
COMMAND
DATA
DATA
X X b5:b0
0
W
00
0
0
2945 F07
b7:b0
b7:b0
A
A
A
AP
S
ADDRESS
1 1 0 a3:a0
COMMAND
0
X X b5:b0
0
W
00
2945 F08
A
A
AP
b7:b0
DATA
0
A
b7:b0
DATA
0
A
...
...
b7:b0
DATA
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0 1
DATA
X X b5:b0
0
W
00
2945 F09
A
A
A P
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X b5:b0
0
W
00
2945 F10
A
0
A
b7:b0
DATA
A
A P
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X b5:b0
0
W
00
2945 F11
A
0
A
b7:b0
DATA
A
A P
...
...
b7:b0
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com