Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 21Page - Linear Technology LTC4151 Datasheet HTML 22Page - Linear Technology LTC4151 Datasheet HTML 23Page - Linear Technology LTC4151 Datasheet HTML 24Page - Linear Technology LTC4151 Datasheet HTML 25Page - Linear Technology LTC4151 Datasheet HTML 26Page - Linear Technology LTC4151 Datasheet HTML 27Page - Linear Technology LTC4151 Datasheet HTML 28Page - Linear Technology LTC4151 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC2945
25
2945f
TYPICAL APPLICATIONS
A Wide Range Supply Monitor
2945 TA02
2.7V TO 5.9V
C2
0.1μF
VIN
0V TO 80V
RSNS
0.02Ω
VOUT
VADIN
R1
2k
R2
2k
R3
2k
3.3V
VDD
SCL
SDA
INT
GND
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
SENSE–
LTC2945
μP
2945 TA03
VIN
4V TO 80V
C2
0.1μF
RSNS
0.02Ω
VOUT
VADIN
R1
2k
R2
2k
R3
2k
3.3V
VDD
SCL
SDA
INT
GND
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
SENSE–
LTC2945
μP
Wide Range Supply Monitor with Wide Range VDD Input
Dual Supply Monitor with Common Opto-coupler for Galvanic Isolation
VADIN1
VADIN2
VIN1
24V
VIN2
48V
RSNS1
0.02Ω
RSNS2
0.02Ω
R4
10k
R5
10k
R6
1k
R7
1k
R8
0.51k
R9
0.51k
R10
10k
R11
10k
R12
10k
VOUT1
VOUT2
C1
1μF
C2
0.1μF
C3
1μF
C4
0.1μF
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
SENSE–
LTC2945
HCPL063L
HCPL063L
3.3V
SCL
SDA
VDD
INT
GND
μP
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
GND
SENSE–
LTC2945
2945 TA04
VCC
VCC
3.3V
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com