Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 16Page - Linear Technology LTC4151 Datasheet HTML 17Page - Linear Technology LTC4151 Datasheet HTML 18Page - Linear Technology LTC4151 Datasheet HTML 19Page - Linear Technology LTC4151 Datasheet HTML 20Page - Linear Technology LTC4151 Datasheet HTML 21Page - Linear Technology LTC4151 Datasheet HTML 22Page - Linear Technology LTC4151 Datasheet HTML 23Page - Linear Technology LTC4151 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC2945
20
2945f
APPLICATIONS INFORMATION
Table 1. LTC2945 Device Addressing
DESCRIPTION
HEX
DEVICE
ADDRESS
BINARY DEVICE ADDRESS
LTC2945
ADDRESS
PINS
h
a6a5a4a3a2a1a0
R/W
ADR1
ADR0
Mass Write
CC
1
1
0
0
1
1
0
0
X
X
Alert Response
19
0
0
0
1
1
0
0
1
X
X
0
CE
1100111
X
H
L
1
D0
1101000
X
NC
H
2
D2
1101001
X
H
H
3
D4
1101010
X
NC
NC
4
D6
1101011
X
NC
L
5
D8
1101100
X
L
H
6
DA
1101101
X
H
NC
7
DC
1101110
X
L
NC
8
DE
1101111
X
LL
Table 2. LTC2945 Register Addresses and Contents
REGISTER
ADDRESS
REGISTER NAME
READ/WRITE
DESCRIPTION
DEFAULT
00h
CONTROL (A)
R/W
Controls ADC Operation Mode and Test Mode
05h
01h
ALERT (B)
R/W
Selects Which Faults Generate Alerts
00h
02h
STATUS (C)
R
System Status Information
00h
03h
FAULT (D)
R/W
Fault Log
00h
04h
FAULT CoR (E)
CoR
Same Data as Register D, D Content Cleared on Read
00h
05h
POWER MSB2
R/W**
Power MSB2 Data
XXh
06h
POWER MSB1
R/W**
Power MSB1 Data
XXh
07h
POWER LSB
R/W**
Power LSB Data
XXh
08h
MAX POWER MSB2
R/W**
Maximum Power MSB2 Data
00h
09h
MAX POWER MSB1
R/W**
Maximum Power MSB1 Data
00h
0Ah
MAX POWER LSB
R/W**
Maximum Power LSB Data
00h
0Bh
MIN POWER MSB2
R/W**
Minimum Power MSB2 Data
FFh
0Ch
MIN POWER MSB1
R/W**
Minimum Power MSB1 Data
FFh
0Dh
MIN POWER LSB
R/W**
Minimum Power LSB Data
FFh
0Eh
MAX POWER THRESHOLD MSB2
R/W
Maximum Power Threshold MSB2 to Generate Alert
FFh
0Fh
MAX POWER THRESHOLD MSB1
R/W
Maximum Power Threshold MSB1 to Generate Alert
FFh
10h
MAX POWER THRESHOLD LSB
R/W
Maximum Power Threshold LSB to Generate Alert
FFh
11h
MIN POWER THRESHOLD MSB2
R/W
Minimum Power Threshold MSB2 to Generate Alert
00h
12h
MIN POWER THRESHOLD MSB1
R/W
Minimum Power Threshold MSB1 to Generate Alert
00h
13h
MIN POWER THRESHOLD LSB
R/W
Minimum Power Threshold LSB to Generate Alert
00h
14h
ΔSENSE MSB
R/W**
ΔSENSE MSB Data
XXh
15h
ΔSENSE LSB
R/W**
ΔSENSE LSB Data
X0h
16h
MAX ΔSENSE MSB
R/W**
Maximum ΔSENSE MSB Data
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com