Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 15Page - Linear Technology LTC4151 Datasheet HTML 16Page - Linear Technology LTC4151 Datasheet HTML 17Page - Linear Technology LTC4151 Datasheet HTML 18Page - Linear Technology LTC4151 Datasheet HTML 19Page - Linear Technology LTC4151 Datasheet HTML 20Page - Linear Technology LTC4151 Datasheet HTML 21Page - Linear Technology LTC4151 Datasheet HTML 22Page - Linear Technology LTC4151 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC2945
19
2945f
APPLICATIONS INFORMATION
LTC2945
SDAI
SDAO
GND
3.3V
GND
SDA
μP
1/2 MOCD207M
1/2 MOCD207M
5V
R4
10k
R5
0.82k
R6
0.51k
R7
10k
VDD
2945 F17
Figure 16. Opto-Isolation of a 1.5kHz I2C Interface Between LTC2945-1 and Microcontroller (SCL Omitted for Clarity)
Figure 17. Opto-Isolation of I2C Interface with Low Power, High Speed Opto-couplers (SCL Omitted for Clarity)
LTC2945-1
SDAI
SDAO
GND
3.3V
GND
SDA
μP
1/2 MOCD207M
1/2 MOCD207M
48V
R4
20k
R5
7.5k
R6
0.51k
R7
10k
VDD
2945 F16
Figure 18. Recommended Layout for Kelvin Connection
10
9
67
8
4
5
11
3
2
1
12
VIN
RSNS
TO
LOAD
2945 F18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com