Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 8Page - Linear Technology LTC4151 Datasheet HTML 9Page - Linear Technology LTC4151 Datasheet HTML 10Page - Linear Technology LTC4151 Datasheet HTML 11Page - Linear Technology LTC4151 Datasheet HTML 12Page - Linear Technology LTC4151 Datasheet HTML 13Page - Linear Technology LTC4151 Datasheet HTML 14Page - Linear Technology LTC4151 Datasheet HTML 15Page - Linear Technology LTC4151 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2945
12
2945f
APPLICATIONS INFORMATION
C2
VIN
4V TO 80V
RSNS
VOUT
VDD
INTVCC
SENSE+
GND
2945 F02a
SENSE–
LTC2945
C2
VIN
0V TO 80V
4V TO 80V
RSNS
VOUT
VDD
INTVCC
SENSE+
GND
2945 F02b
SENSE–
LTC2945
VIN
0V TO 80V
2.7V TO 5.9V
C2
RSNS
VOUT
VDD
INTVCC
SENSE+
GND
2945 F02c
SENSE–
LTC2945
Figure 2a. LTC2945 Derives Power from
the Supply Being Monitored
Figure 3a. LTC2945 Derives Power
Through High-Side Shunt Regulator
Figure 3b. LTC2945 Derives Power Through Low-Side
Shunt Regulator in High-Side Current Sense Topology
Figure 2b. LTC2945 Derives Power from
a Wide Range Secondary Supply
Figure 2c. LTC2945 Derives Power from
a Low Voltage Secondary Supply
GND
C1
VNEG
>–80V
RSNS
VOUT
VDD
RSHUNT
INTVCC
SENSE–
GND
2945 F03a
SENSE+
LTC2945
Figure 3c. LTC2945 Derives Power Through Low-Side
Shunt Regulator in Low-Side Current Sense Topology
C2
VIN
>80V
RSNS
VOUT
RSHUNT
VDD
INTVCC
SENSE+
GND
2945 F03a
SENSE–
LTC2945
VIN
0V TO 80V
>80V
C2
RSNS
VOUT
RSHUNT
VDD
INTVCC
SENSE+
GND
2945 F03b
SENSE–
LTC2945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com