Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 20Page - Linear Technology LTC4151 Datasheet HTML 21Page - Linear Technology LTC4151 Datasheet HTML 22Page - Linear Technology LTC4151 Datasheet HTML 23Page - Linear Technology LTC4151 Datasheet HTML 24Page - Linear Technology LTC4151 Datasheet HTML 25Page - Linear Technology LTC4151 Datasheet HTML 26Page - Linear Technology LTC4151 Datasheet HTML 27Page - Linear Technology LTC4151 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2945
24
2945f
APPLICATIONS INFORMATION
Table 9. POWER, MIN/MAX POWER, MIN/MAX POWER THRESHOLD Register Data Format: MSB2 Bytes- Read/Write*
BIT (7)
BIT (6)
BIT (5)
BIT (4)
BIT (3)
BIT (2)
BIT (1)
BIT (0)
Data (23)
Data (22)
Data (21)
Data (20)
Data (19)
Data (18)
Data (17)
Data (16)
* Set Bit A4 before writing to POWER and MIN/MAX POWER Registers
Table 10. POWER, MIN/MAX POWER, MIN/MAX POWER THRESHOLD Register Data Format: MSB1 Bytes- Read/Write*
BIT (7)
BIT (6)
BIT (5)
BIT (4)
BIT (3)
BIT (2)
BIT (1)
BIT (0)
Data (15)
Data (14)
Data (13)
Data (12)
Data (11)
Data (10)
Data (9)
Data (8)
* Set Bit A4 before writing to POWER and MIN/MAX POWER Registers
Table 8. ADC, ADC MIN/MAX, MIN/MAX THRESHOLD Register Data Format: LSB Bytes-Read/Write*
BIT (7)
BIT (6)
BIT (5)
BIT (4)
BIT (3)
BIT (2)
BIT (1)
BIT (0)
Data (3)
Data (2)
Data (1)
Data (0)
Reserved**
Reserved**
Reserved**
Reserved**
* Set Bit A4 before writing to ADC and MIN/MAX ADC Registers
** Read as ‘0’
Table 7. ADC, ADC MIN/MAX, MIN/MAX ADC THRESHOLD Register Data Format: MSB Bytes-Read/Write*
BIT (7)
BIT (6)
BIT (5)
BIT (4)
BIT (3)
BIT (2)
BIT (1)
BIT (0)
Data (11)
Data (10)
Data (9)
Data (8)
Data (7)
Data (6)
Data (5)
Data (4)
*Set Bit A4 before writing to ADC and MIN/MAX ADC Registers
Table 11. POWER, MIN/MAX POWER, MIN/MAX POWER THRESHOLD Register Data Format: LSB Bytes- Read/Write*
BIT (7)
BIT (6)
BIT (5)
BIT (4)
BIT (3)
BIT (2)
BIT (1)
BIT (0)
Data (7)
Data (6)
Data (5)
Data (4)
Data (3)
Data (2)
Data (1)
Data (0)
* Set Bit A4 before writing to POWER and MIN/MAX POWER Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com