Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology LTC3589 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTC3375
17
3375fa
For more information www.linear.com/3375
operaTion
feedback network connected to the FB1 pin programs
the output voltage to 1.2V. The FB2 pin is tied to VIN1/2,
which configures buck regulator 2 as the slave. The SW1
and SW2 pins must be tied together, as must the VIN1 and
VIN2 pins. The register contents of the master program,
the combined buck regulator’s behavior, and the register
contents of the slave are ignored. The slave buck control
circuitry draws no current. The enable of the master buck
(EN1) controls the operation of the combined bucks; the
enable of the slave regulator (EN2) must be tied to ground.
Any combination of 2, 3, or 4 adjacent buck regulators
may be combined to provide either 2A, 3A, or 4A of aver-
age output load current. For example, buck regulator 1
and buck regulator 2 may run independently, while buck
regulators 3 and 4 may be combined to provide 2A, while
buck regulators 5 through 8 may be combined to provide
4A. Buck regulator 1 is never a slave, and buck regulator 8
is never a master. 15 unique output power stage configu-
rations are possible to maximize application flexibility.
The LTC3375 is in an off state when it is powered up with
all regulators in shutdown. The ON pin is LOW in the off
state. The ON pin will go HIGH if PB is pulled LOW for
200ms. The ON pin stays in its HIGH state for 10 seconds
and then returns LOW unless KILL is asserted HIGH in
this time in which case ON will remain HIGH. If KILL goes
LOW, for longer than a 50ms debounce time, while ON is
HIGH after the 10 second time has expired, ON will again
go to its LOW state. PB being held low causes the KILL
pin to be ignored.
Once in the “on” state (ON pin is HIGH), the LTC3375 can
be powered down in one of three ways that allow for flex-
ibilitybetweenhardwareandsoftwaresystemresets.First,
if PB is held LOW for at least 10 seconds, then ON will
be driven LOW. This will not force a hard reset on any of
the buck switching regulators. The ON pin, however, may
be used to either drive the EN pin of the first sequenced
buck converter or that of an upstream high voltage buck
switching regulator. In this case the IRQ pin is latched to
its LOW state to indicate a PB induced reset. Second, if
the PB pin is driven LOW for longer than 50ms but less
than 10 seconds, the IRQ pin will be pulled LOW for as
long as the PB pin remains LOW. If a microcontroller sees
a transient IRQ LOW signal, then this should signal that
the user has pressed the PB. A software power-down may
then be initiated if so desired. Finally, if the KILL input is
driven LOW for longer than 50ms, then a hard reset will
be initiated. All enabled buck switching regulators will
be turned off while KILL is low and will remain powered
down for 1 second after KILL returns high. KILL being
low also forces a hard reset while the pushbutton is in the
“off” state. A hard reset may also be generated by using
the RESET_ALL I2C command that will last for 1 second.
The pushbutton will return to the “off” state. KILL must be
high to power-up using EN pins or I2C. In any hard reset
event all buck regulator I2C bits are set low.
Power-Up and Power-Down Via Pushbutton
The LTC3375 may be turned on and off using the PB,
KILL, and ON pins as shown in Figures 2a and 2b. In
Figures 2a and 2b, pressing PB LOW at time t1, causes
the ON pin to go HIGH at time t2 and stay HIGH for at least
10 seconds after which ON will go LOW unless KILL has
been asserted high. ON can be connected to the EN pin
BUCK REGULATOR 1
(MASTER)
VIN
VIN
SW1
COUT
VOUT
1.2V
2A
475k
L1
725k
FB1
EN1
VIN1
BUCK REGULATOR 2
(SLAVE)
SW2
EN2
FB2
3375 F01
VIN2
Figure 1. Buck Regulators Configured as Master-Slave
Pushbutton Interface
The LTC3375 includes a pushbutton interface which can
be used to provide power-up or power-down control
for either the part or the application. The PB, KILL, and
ON pins provide the user with flexibility to power-up or
power-down the part in addition to having I2C control. All
PB timing parameters are scaled using the CT pin. Times
described below apply to a nominal CT capacitor of 0.01µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com