Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology LTC3589 Datasheet HTML 25Page - Linear Technology LTC3589 Datasheet HTML 26Page - Linear Technology LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC3375
27
3375fa
For more information www.linear.com/3375
applicaTions inForMaTion
Table 7. Global Buck Regulator Program Register Bit Format
Bit7
ENABLE
Default is ‘0’ which disables the part. A buck regulator can also be enabled via its enable pin. When enabled via
pin, the contents of the I2C register program its functionality.
Bit6
MODE
Default is ‘0’ which is Burst Mode operation. A ‘1’ programs the regulator to operate in forced continuous mode.
Bit5(PHASE1)
Bit4(PHASE0)
Phase Control
Default varies per converter. ‘00’ programs a SW HIGH transition to coincide with the internal clock rising edge.
‘01’ programs a 90° offset, ’10’ programs a 180° offset, and ‘11’ programs a 270° offset.
Bit3(DAC3)
Bit2(DAC2)
Bit1(DAC1)
Bit0(DAC0)
DAC Control
These bits are used to program the feedback regulation voltage. Default is ‘1100’ which programs a voltage of
725mV. Bits ‘0000’ program the lowest feedback regulation of 425mV, and ‘1111’ programs a full-scale voltage of
800mV. An LSB (DAC0) has a bit weight of 25mV.
Table 4. Recommended Inductors for 2A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L
× W × H) MANUFACTURER
XFL4020-102ME
1.0
5.1
11.9
4
× 4 × 2.1
CoilCraft
74437324010
1
9
27
4.45
× 4.06 × 1.8
Wurth Elektronik
XAL4020-222ME
2.2
5.6
38.7
4
× 4 × 2.1
CoilCraft
FDV0530-2R2M
2.2
5.3
15.5
6.2
× 5.8 × 3
Toko
IHLP2020BZER2R2M-11
2.2
5
37.7
5.49
× 5.18 × 2
Vishay
XAL4030-332ME
3.3
5.5
28.6
4
× 4 × 3.1
CoilCraft
FDV0530-3R3M
3.3
4.1
34.1
6.2
× 5.8 × 3
Toko
Table 5. Recommended Inductors for 3A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L
× W × H) MANUFACTURER
XAL4020-102ME
1.0
8.7
14.6
4
× 4 × 2.1
CoilCraft
FDV0530-1R0M
1
8.4
11.2
6.2
× 5.8 × 3
Toko
XAL5030-222ME
2.2
9.2
14.5
5.28
× 5.48 × 3.1
CoilCraft
IHLP2525CZER2R2M-01
2.2
8
20
6.86
× 6.47 × 3
Vishay
74437346022
2.2
6.5
20
7.3
× 6.6 × 2.8
Wurth Elektonik
XAL5030-332ME
3.3
8.7
23.3
5.28
× 5.48 × 3.1
CoilCraft
SPM6530T-3R3M
3
7.3
27
7.1
× 6.5 × 3
TDK
Table 6. Recommended Inductors for 4A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L
× W × H) MANUFACTURER
XAL5030-122ME
1.2
12.5
9.4
5.28
× 5.48 × 3.1
CoilCraft
SPM6530T-1R0M120
1
14.1
7.81
7.1
× 6.5 × 3
TDK
XAL5030-222ME
2.2
9.2
14.5
5.28
× 5.48 × 3.1
CoilCraft
SPM6530T-2R2M
2.2
8.4
19
7.1
× 6.5 × 3
TDK
IHLP2525EZER2R2M-01
2.2
13.6
20.9
6.86
× 6.47 × 5
Vishay
XAL6030-332ME
3.3
8
20.81
6.36
× 6.56 × 3.1
CoilCraft
FDVE1040-3R3M
3.3
9.8
10.1
11.2
× 10 × 4
Toko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com