Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology LTC3589 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC3375
36
3375fa
For more information www.linear.com/3375
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC3675
7-Channel Configurable High Power PMIC
Four Parallelable Buck DC/DCs (1A, 1A, 500mA, 500mA), 1A Boost, 1A
Buck-Boost, 25mA LDO, Dual String LED Driver, Pushbutton, I2C Control
LTC3589/LTC3589-1 8-Output Regulator with Sequencing and I2C
Three Buck DC/DCs, Three 250mA LDOs, 25mA LDO, 1.2A Buck-Boost,
Pushbutton, I2C Control
LTC3375
EXPOSED PAD
PB
1µH
0.01µF
PUSH BUTTON
PAPER CLIP HOLE
PUSH BUTTON
VIN1
VIN2
FB2
VIN8
VIN7
FB8
3375 TA02
1.02M
287k
10µF
2.25V TO 5.5V
3.3V TO 5.5V
1.8V
3A
2.25V TO 5.5V
1.2V
1A
3.3V
2A
2.5V TO 5.5V
10µF
10µF
10µF
10µF
10µF
47µF
22µF
68µF
VIN3
FB3
10µF
10µF
SW1
SW2
SW3
FB1
SW7
SW8
FB7
1µH
649k
432k
VIN4
SW4
FB4
FB5
1µH
422k
649k
VCC
SCL
SDA
CT
267k
RT
WDI
EN1
EN4
EN5
EN7
EN2
EN3
EN6
EN8
VSHNT
VCC
FBVCC
IRQ
RST
WDO
TEMP
SYNC
ON
KILL
I2C
CONTROL
301k
1.02M
2.2µF
576k
1µF
MICROPROCESSOR
CONTROL
HIGH VOLTAGE >4.0V
VIN6
VIN5
FB6
1µH
1.02M
412k
2.5V
2A
47µF
SW5
SW6
Combined Bucks with 3MHz Switch Frequency, Sequenced Power Up, and KILL Based Hardware Override Shut Down
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900●FAX:(408)434-0507● www.linear.com/3375
LINEAR TECHNOLOGY CORPORATION 2013
LT 0313 REV A • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com