Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 25Page - Linear Technology LTC3589 Datasheet HTML 26Page - Linear Technology LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3375
29
3375fa
For more information www.linear.com/3375
applicaTions inForMaTion
In general the circuit in 6a is recommended if the appli-
cation needs to drive any external circuitry with VCC or if
the larger compensation capacitor is tolerable. If VCC is
only needed to drive the LTC3375 and smaller component
sizes are critical, then the circuit in Figure 6b may be used.
Input and Output Decoupling Capacitor Selection
TheLTC3375hasindividualinputsupplypinsforeachbuck
switching regulator. Each of these pins must be decoupled
withlowESRcapacitorstoGND.Thesecapacitorsmustbe
placed as close to the pins as possible. Ceramic dielectric
capacitorsareagoodcompromisebetweenhighdielectric
constant and stability versus temperature and DC bias.
Note that the capacitance of a capacitor deteriorates at
higher DC bias. It is important to consult manufacturer
data sheets and obtain the true capacitance of a capacitor
at the DC bias voltage it will be operated at. For this rea-
son, avoid the use of Y5V dielectric capacitors. The X5R/
X7R dielectric capacitors offer good overall performance.
The input supply voltage Pins 2, 5, 8, 11, 26, 29, 32 and
35 all need to be decoupled with at least 10µF capacitors.
Choosing the CT Capacitor
The CT capacitor may be used to program the timing
parameters associated with the pushbutton. For a given
CT capacitor the timing parameters may be calculated as
below. CT is in units of µF.
tPB_LO = 5000 • CT ms
tPB_ON = 20000 • CT ms
tPB_OFF = 1000 • CT seconds
tHR = 100 • CT seconds
tIRQ_PW = 5000 • CT ms
tKILLH = 1000 • CT seconds
tKILLL = 5000 • CT ms
tRST = 23000 • CT ms
Programming the Global Register
The Global Register contains functions that either act on
the LTC3375 top level or act on all buck switching regula-
tors at once. These functions are described in Table 8. The
default structure is ‘0000 0000b’.
Programming the RST and IRQ Mask Registers
The RST mask register can be programmed by the user
at sub-address 09h and its format is shown in Table 9.
If a bit is set to ‘1’, then the corresponding regulator’s
PGOOD will pull RST low if a PGOOD fault were to occur.
The default for this register is FFh.
The IRQ mask registers have the same bit format as the
RST mask register. The IRQ mask registers are located at
sub-addresses 0Ah and 0Bh and their default contents
are 00h.
Status Byte Read Back
When either the RST or IRQ pin is pulled low, it indicates
to the user that a fault condition has occurred. To find out
the exact nature of the fault, the user can read the status
registers. There are three registers that contain status
information. The register at sub-address 0Ch provides
PGOOD fault condition reporting, while the register at
sub-address0DhprovidesUVLOfaultconditionreporting.
These bits are all latched at interrupt. If any of the bits
are disabled via masking, then their real time, unlatched
status information is still available. Bit7 of the register
at sub-address 0Eh provides latched information on the
status of the DT Warning. Figure 4 shows the operation
of the status registers. The contents of the IRQ status
register are cleared when a CLRINT signal is issued. A
PGOOD bit is a ‘0’ if the regulator’s output voltage is more
than 7.5% below its programmed value. A UVLO bit is a
‘0’ if the associated VIN is above its input UVLO threshold.
The format for the status registers is shown in Table 10.
A write operation cannot be performed to any of these
status registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com