Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTC3375
31
3375fa
For more information www.linear.com/3375
Typical applicaTions
LTC3375
EXPOSED PAD
PB
2.2µH
0.01µF
PUSH BUTTON
VIN1
SW1
FB1
VIN8
SW8
FB8
3375 F07
2.2µH
649k
432k
1.02M
287k
10µF
3.3V TO 5.5V
1.8V
1A
3.3V
1A
22µF
22µF
10µF
2.25V TO 5.5V
2.2µH
VIN2
SW2
FB2
VIN7
SW7
FB7
2.2µH
464k
432k
1.07M
340k
10µF
3V TO 5.5V
1.5V
1A
3V
1A
22µF
22µF
10µF
2.25V TO 5.5V
2.2µH
VIN3
SW3
FB3
VIN6
SW6
FB6
2.2µH
422k
649k
1.02M
412k
10µF
2.5V TO 5.5V
1.2V
1A
2.5V
1A
22µF
22µF
10µF
2.25V TO 5.5V
2.2µH
VIN4
SW4
FB4
SDA
SCL
VCC
CT
402k
RT
WDI
EN1
EN2
EN3
EN4
EN5
EN6
EN7
EN8
KILL
SYNC
VIN5
SW5
FB5
VSHNT
FBVCC
IRQ
RST
WDO
ON
TEMP
VCC
MICROPROCESSOR
CONTROL
I2C
CONTROL
2.2µH
280k
732k
301k
1.02M
576k
HIGH VOLTAGE > 4.0V
732k
412k
10µF
2.25V TO 5.5V
1V
1A
2V
1A
22µF
1µF
22µF
MICROPROCESSOR
CONTROL
10µF
2.25V TO 5.5V
2.2µF
Figure 7. Detailed Front Page Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com