Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology LTC3589 Datasheet HTML 21Page - Linear Technology LTC3589 Datasheet HTML 22Page - Linear Technology LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC3375
20
3375fa
For more information www.linear.com/3375
operaTion
tSU, DAT
tHD, STA
tHD, DAT
SDA
SCL
tSU, STA
tHD, STA
tSU, STO
3375 F03
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
tr
tf
tSP
ACK
ACK
1
2
3
ADDRESS
WR
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
0
1
1
0
1
0
0
0
0
1
1
0
1
0
0
0
A7
A6
A5
A4
A3
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
ACK
STOP
START
SDA
SCL
DATA BYTE A
DATA BYTE B
Figure 3. I2C Bus Operation
I2C Interface
TheLTC3375maycommunicatewithabusmasterusingthe
standardI2C2-wireinterface.Thetimingdiagram(Figure 3)
shows the relationship of the signals on the bus. The two
bus lines, SDA and SCL, must be high when the bus is
not in use. External pull-up resistors or current sources,
such as the LTC1694 SMBus accelerator, are required
on these lines. The LTC3375 is both a slave receiver and
slave transmitter. The I2C control signals, SDA and SCL
are scaled internally to the VCC supply.
The I2C port has an undervoltage lockout on the VCC pin.
When VCC is below 1.8V, the I2C serial port is cleared and
theLTC3375registersaresettotheirdefaultconfigurations.
I2C Bus Speed
The I2C port is designed to be operated at speeds of up
to 400kHz. It has built-in timing delays to ensure cor-
rect operation when addressed from the I2C compatible
master device.
I2C Start and Stop Conditions
A bus master signals the beginning of communications
by transmitting a START condition. A START condition is
generated by transitioning SDA from HIGH to LOW while
SCL is HIGH. The master may transmit either the slave
write or the slave read address. Once data is written to the
LTC3375,themastermaytransmitaSTOPconditionwhich
commands the LTC3375 to act upon its new command
set. A STOP condition is sent by the master by transition-
ing SDA from LOW to HIGH while SCL is HIGH. The bus
is then free for communication with another I2C device.
I2C Byte Format
Each byte sent to or received from the LTC3375 must
be 8 bits long followed by an extra clock cycle for the
acknowledge bit. The data should be sent to the LTC3375
most significant bit (MSB) first.
I2C Acknowledge
The acknowledge signal is used for handshaking between
the master and the slave. When the LTC3375 is written
to (write address), it acknowledges its write address as
well as the subsequent two data bytes. When it is read
from (read address), the LTC3375 acknowledges its read
address only. The bus master should acknowledge receipt
of information from the LTC3375.
An acknowledge (active LOW) generated by the LTC3375
letsthemasterknowthatthelatestbyteofinformationwas
received.Theacknowledgerelatedclockpulseisgenerated
by the master. The master releases the SDA line (HIGH)
during the acknowledge clock cycle. The LTC3375 pulls
down the SDA line during the write acknowledge clock
pulse so that it is a stable LOW during the HIGH period
of this clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com