Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology LTC3589 Datasheet HTML 21Page - Linear Technology LTC3589 Datasheet HTML 22Page - Linear Technology LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology LTC3589 Datasheet HTML 25Page - Linear Technology LTC3589 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC3375
22
3375fa
For more information www.linear.com/3375
operaTion
the write address is 68h and the read address is 69h. The
LTC3375 will acknowledge both its read and write address.
I2C Sub-Addressed Writing
The LTC3375 has 13 command registers for control input.
They are accessed by the I2C port via a sub-addressed
writing system.
AsinglewritecycleoftheLTC3375consistsofexactlythree
bytes except when a clear interrupt command is written.
The first byte is always the LTC3375’s write address. The
second byte represents the LTC3375’s sub-address. The
sub-address is a pointer which directs the subsequent
data byte within the LTC3375. The third byte consists of
the data to be written to the location pointed to by the
sub-address. The LTC3375 contains 12 control registers
which can be written to.
I2C Bus Write Operation
The master initiates communication with the LTC3375
with a START condition and the LTC3375’s write address.
If the address matches that of the LTC3375, the LTC3375
returns an acknowledge. The master should then deliver
the sub-address. Again the LTC3375 acknowledges and
the cycle is repeated for the data byte. The data byte is
transferred to an internal holding latch upon the return
of its acknowledge by the LTC3375. This procedure must
be repeated for each sub-address that requires new data.
After one or more cycles of [ADDRESS][SUB-ADDRESS]
[DATA], the master may terminate the communication
with a STOP condition. Multiple sub-addresses may
be written to with a single address command using a
[ADDRESS][SUB-ADDRESS][DATA][SUB-ADDRESS]
[DATA] sequence. Alternatively, a REPEAT-START condi-
tion can be initiated by the master and another chip on
the I2C bus can be addressed. This cycle can continue
indefinitely and the LTC3375 will remember the last input
valid data that it received. Once all chips on the bus have
been addressed and sent valid data, a global STOP can
be sent and the LTC3375 will update its command latches
with the data that it had received.
It is important to understand that until a STOP signal is
transmitted, data written to the LTC3375 command reg-
isters is not acted on by the LTC3375. Only once a STOP
signal is issued is the data transferred to the command
latch and acted on.
I2C Bus Read Operation
The LTC3375 has 13 command registers and three status
registers.Thecontentsofanyoftheseregisters,exceptfor
the Clear Interrupt (0Fh) register, may be read back via I2C.
To read the data of a register, that register’s sub-address
must be provided to the LTC3375. The bus master reads
the status of the LTC3375 with a START condition followed
by the LTC3375 write address followed by the first data
byte (the sub-address of the register whose data needs
to be read) which is acknowledged by the LTC3375. After
receiving the acknowledge signal from the LTC3375 the
bus master initiates a new START condition followed by
the LTC3375 read address. The LTC3375 acknowledges
the read address and then returns a byte of read back
data from the selected register. A STOP command is not
required for the bus read operation.
Immediately after writing data to a register, the contents
of that register may be read back if the bus master issues
a START condition followed by the LTC3375 read address.
Error Condition Reporting Via RST and IRQ Pins
Error conditions are reported back via the IRQ and RST
pins. After an error condition is detected, status data can
be read back to a microprocessor via I2C to determine the
exact nature of the error condition.
Figure 4 is a simplified schematic showing the signal path
for reporting errors via the RST and IRQ pins.
All buck switching regulators have an internal power good
(PGOOD) signal. When the regulated output voltage of an
enabled switcher rises above 93.5% of its programmed
value, the PGOOD signal will transition high. When the
regulated output voltage falls below 92.5% of its pro-
grammed value, the PGOOD signal is pulled low. If any
internal PGOOD signal is not masked and stays low for
greater than 50µs, then the RST and IRQ pins are pulled
low, indicating to a microprocessor that an error condition
has occurred. The 50µs filter time prevents the pins from
being pulled low due to a transient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com