Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 21Page - Linear Technology LTC3589 Datasheet HTML 22Page - Linear Technology LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology LTC3589 Datasheet HTML 25Page - Linear Technology LTC3589 Datasheet HTML 26Page - Linear Technology LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTC3375
25
3375fa
For more information www.linear.com/3375
operaTion
After detecting an external clock on the first rising edge of
the SYNC pin, the PLL starts up at the current frequency
being programmed by the RT pin. The internal PLL then
requires a certain number of periods to gradually settle
until the frequency at SW matches the frequency and
phase of SYNC.
When the external clock is removed the LTC3375 needs
approximately 5µs to detect the absence of the external
clock. During this time, the PLL will continue to provide
clock cycles before it recognizes the lack of a SYNC input.
Once the external clock removal has been identified, the
oscillator will gradually adjust its operating frequency to
match the desired frequency programmed at the RT pin.
VCC Shunt Regulator
TheLTC3375hasthecontrolcircuitrytoregulatetheoutput
of an N-type device. The circuit should be connected as
showninFigures6aand6b.ThevoltageatFBVCCwillservo
to 1.20V and VCC can be programmed between 2.7V and
5.5V. The N-type device can be used to regulate a lower
voltage at VCC while being powered from a high voltage
supply. The N-type device must be chosen so that it can
handle the power dissipated in regulating VCC.Theinternal
circuitry of the LTC3375 can only pull-down on the VSHNT
node. A pull-up resistor is required for positive gate drive.
If VCC is incorrectly programmed or a current load at VCC
causes VSHNT to go above 6.1V (typical), then VSHNT will
be internally clamped and VCC may lose regulation.
If the use of the VCC regulator is not desired, then VCC
should be tied to an external DC voltage source and a
decoupling capacitor. FBVCC and VSHNT should be tied
to ground.
Watchdog Timer
Thewatchdogcircuitmonitorsamicroprocessor’sactivity.
The microprocessor is required to change the logic state
of the WDI pin at least once every 1.5 seconds (typical)
in order to clear the watchdog timer and prevent the WDO
pin from signaling a timeout.
The watchdog timer begins running immediately after a
power-on reset. The watchdog timer will continue to run
until a transition is detected on the WDI input. During
this time WDO will be in a Hi-Z state. Once the watchdog
timer times out, WDO will be pulled low and the reset
timer is started. WDO being pulled low may be used to
force a reset on the controlling microprocessor. If no WDI
transition is received when the reset timer times out, after
200ms (typical), WDO will again become Hi-Z and the 1.5
secondswatchdogresettimewillbeginagain.Ifatransition
is received on the WDI input during the watchdog timeout
period, then WDO will become Hi-Z immediately after the
WDI transition and the 1.5 seconds watchdog reset time
will begin at that point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com