Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 5 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD9467
Rev. D | Page 5 of 32
AD9467BCPZ-200
AD9467BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
WORST OTHER (EXCLUDING SECOND AND THIRD HARMONIC
DISTORTION)2
fIN = 5 MHz
25°C
96/98
98/97
dBFS
fIN = 97 MHz
25°C
86
97/97
97/93
dBFS
fIN = 97 MHz
Full
83
dBFS
fIN = 140 MHz
25°C
97/96
97/95
dBFS
fIN = 170 MHz
25°C
98/98
90
97/93
dBFS
fIN = 170 MHz
Full
87
dBFS
fIN = 210 MHz
25°C
96/97
97/95
dBFS
fIN = 300 MHz
25°C
95/95
97/95
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS @ 2.5 V p-p FS
fIN1 = 70 MHz, fIN2 = 72 MHz
25°C
95
97
dBFS
fIN1 = 170 MHz, fIN2 = 172 MHz
25°C
93
91
dBFS
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
See the SFDR Optimization—Buffer Current Adjustment section for optimum settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com