Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9467 Datasheet HTML 21Page - Analog Devices AD9467 Datasheet HTML 22Page - Analog Devices AD9467 Datasheet HTML 23Page - Analog Devices AD9467 Datasheet HTML 24Page - Analog Devices AD9467 Datasheet HTML 25Page - Analog Devices AD9467 Datasheet HTML 26Page - Analog Devices AD9467 Datasheet HTML 27Page - Analog Devices AD9467 Datasheet HTML 28Page - Analog Devices AD9467 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD9467
Rev. D | Page 25 of 32
There are eight digital output test pattern options available that
can be initiated through the SPI. This is a useful feature when
validating receiver capture and timing. Refer to Table 10 for the
output bit sequencing options available. Some test patterns have
two serial sequential words and can be alternated in various
ways, depending on the test pattern chosen. Note that some
patterns may not adhere to the data format select option.
The PN sequence short pattern produces a pseudorandom bit
sequence that repeats itself every 29 − 1 or 511 bits. A descrip-
tion of the PN sequence and how it is generated can be found
in Section 5.1 of the ITU-T 0.150 (05/96) standard. The only
difference is that the starting value must be a specific value
instead of all 1s (see Table 9 for the initial values).
The PN sequence long pattern produces a pseudorandom bit
sequence that repeats itself every 223 – 1 or 8,388,607 bits. A
description of the PN sequence and how it is generated can be
found in Section 5.6 of the ITU-T 0.150 (05/96) standard. The
only differences are that the starting value must be a specific
value instead of all 1s (see Table 9 for the initial values) and the
AD9467 inverts the bit stream with relation to the ITU standard.
Table 9. PN Sequence
Sequence
Initial
Value
First Three Output
Samples (MSB First)
PN 9 Sequence, Short
0xFFFF
0x87BE, 0xAE64, 0x929D
PN 23 Sequence, Long
0x7FFF
0x7E00, 0x807C, 0x801F
Consult the Memory Map section for information on how to
change these additional digital output timing features through
the SPI.
Overrange (OR) Output Pins
The OR+ and OR− output pins indicate when an applied analog
input is above or below the input full scale of the converter.
If the analog input is in an overrange condition, the OR bit goes
high, coinciding with output data hitting above or below full-
scale. The delay between the time the part actually overranges
and the OR bit going high is the pipeline latency of the part.
SPI Pins: SCLK, SDIO, CSB
For normal SPI operation, these pins should be tied to AGND
through a 100 kΩ resistor on each pin. These pins are both
1.8 V and 3.3 V tolerant. However, the SDIO output logic level
is dependent on the bias of the SPIVDD pin. For 3.3 V output
logic, tie SPIVDD to 3.3 V (AVDD2). For 1.8 V output logic, tie
SPIVDD to 1.8 V (AVDD1).
The CSB pin should be tied to AVDD1 for applications that do
not require SPI mode operation. By tying CSB high, all SCLK
and SDIO information is ignored.
Table 10. Flexible Output Test Modes
Output Test Mode Bit Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to Data
Format Select
0000
Off (default)
N/A1
N/A1
N/A1
0001
Midscale short
1000 0000 0000 0000
Same
Yes
0010
+Full-scale short
1111 1111 1111 1111
Same
Yes
0011
−Full-scale short
0000 0000 0000 0000
Same
Yes
0100
Checkerboard
1010 1010 1010 1010
0101 0101 0101 0101
No
0101
PN sequence long2
N/A1
N/A1
Yes
0110
PN sequence short2
N/A1
N/A1
Yes
0111
One-/zero-word toggle
1111 1111 1111 1111
0000 0000 0000 0000
No
1
N/A = not applicable.
2
All test mode options except PN sequence short and PN sequence long can support 8- to 14-bit word lengths to verify data capture to the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com