Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 1 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, 200 MSPS/250 MSPS
Analog-to-Digital Converter
Data Sheet
AD9467
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
75.5 dBFS SNR to 210 MHz at 250 MSPS
90 dBFS SFDR to 300 MHz at 250 MSPS
SFDR at 170 MHz at 250 MSPS
92 dBFS at −1 dBFS
100 dBFS at −2 dBFS
60 fs rms jitter
Excellent linearity at 250 MSPS
DNL = ±0.5 LSB typical
INL = ±3.5 LSB typical
2 V p-p to 2.5 V p-p (default) differential full-scale
input (programmable)
Integrated input buffer
External reference support option
Clock duty cycle stabilizer
Output clock available
Serial port control
Built-in selectable digital test pattern generation
Selectable output data format
LVDS outputs (ANSI-644 compatible)
1.8 V and 3.3 V supply operation
APPLICATIONS
Multicarrier, multimode cellular receivers
Antenna array positioning
Power amplifier linearization
Broadband wireless
Radar
Infrared imaging
Communications instrumentation
GENERAL DESCRIPTION
The AD9467 is a 16-bit, monolithic, IF sampling analog-to-
digital converter (ADC). It is optimized for high performance
over wide bandwidths and ease of use. The product operates at a
250 MSPS conversion rate and is designed for wireless receivers,
instrumentation, and test equipment that require a high
dynamic range.
The ADC requires 1.8 V and 3.3 V power supplies and a low
voltage differential input clock for full performance operation.
No external reference or driver components are required for
many applications. Data outputs are LVDS compatible (ANSI-644
compatible) and include the means to reduce the overall current
needed for short trace distances.
FUNCTIONAL BLOCK DIAGRAM
16
2
16
2
PIPELINE
ADC
CLOCK
AND TIMING
MANAGEMENT
REF
LVDS
OUTPUT
STAGING
AVDD1
(1.8V)
DRVDD
(1.8V)
AVDD2
(3.3V)
AVDD3
(1.8V)
SPIVDD
(1.8V TO 3.3V)
XVREF
AGND
DRGND
AD9467
BUFFER
VIN+
CLK+
CLK–
VIN–
CSB
SDIO
SCLK
OR+/OR–
D15+/D15–
TO
D0+/D0–
DCO+/DCO–
Figure 1.
A data clock output (DCO) for capturing data on the output is
provided for signaling a new output bit.
The internal power-down feature supported via the SPI typically
consumes less than 5 mW when disabled.
Optional features allow users to implement various selectable
operating conditions, including input range, data format select,
and output data test patterns.
The AD9467 is available in a Pb-free, 72-lead, LFCSP specified
over the −40°C to +85°C industrial temperature range.
PRODUCT HIGHLIGHTS
1. IF optimization capability used to improve SFDR.
2. Outstanding SFDR performance for IF sampling
applications such as multicarrier, multimode 3G, and 4G
cellular base station receivers.
3. Ease of use: on-chip reference, high input impedance
buffer, adjustable analog input range, and an output clock
to simplify data capture.
4. Packaged in a Pb-free, 72-lead LFCSP package.
5. Clock duty cycle stabilizer (DCS) maintains overall ADC
performance over a wide range of input clock pulse widths.
6. Standard serial port interface (SPI) supports various
product features and functions, such as data formatting
(offset binary, twos complement, or Gray coding).


Similar Part No. - AD9467

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
269Kb / 5P
High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
AD9467 AD-AD9467 Datasheet
301Kb / 6P
Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
AD9467 AD-AD9467 Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
AD9467-200EBZ AD-AD9467-200EBZ Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
AD9467-250EBZ AD-AD9467-250EBZ Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
More results

Similar Description - AD9467

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com