Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices AD9467 Datasheet HTML 10Page - Analog Devices AD9467 Datasheet HTML 11Page - Analog Devices AD9467 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect To
Rating
Electrical
AVDD1, AVDD3
AGND
−0.3 V to +2.0 V
AVDD2, SPIVDD
AGND
−0.3 V to +3.9 V
DRVDD
DRGND
−0.3 V to +2.0 V
AGND
DRGND
−0.3 V to +0.3 V
AVDD2, SPIVDD
AVDD1,
AVDD3
−2.0 V to +3.9 V
AVDD1, AVDD3
DRVDD
−2.0 V to +2.0 V
AVDD2, SPIVDD
DRVDD
−2.0 V to +3.9 V
Digital Outputs (Dx+,
Dx−, OR+, OR−,
DCO+, DCO−)
DRGND
−0.3 V to DRVDD + 0.2 V
CLK+, CLK−
AGND
−0.3 V to AVDD1 + 0.2 V
VIN+, VIN−
AGND
−0.3 V to +3.6 V
XVREF
AGND
−0.3 V to AVDD1 + 0.2 V
SCLK, CSB, SDIO
AGND
−0.3 V to SPIVDD + 0.2 V
Environmental
Operating Temperature
Range (Ambient)
−40°C to +85°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 6.
Air Flow Velocity (m/sec)
θJA1, 2
θJB1,3, 4
θJC1, 5
Unit
0.0
15.7°C/W
7.5°C/W
0.5°
°C/W
1.0
13.7°C/W
N/A
N/A
°C/W
2.5
12.3°C/W
N/A
N/A
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
N/A = not applicable.
5
Per MIL-STD 883, Method 1012.1.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com