Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices AD9467 Datasheet HTML 10Page - Analog Devices AD9467 Datasheet HTML 11Page - Analog Devices AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 10 of 32
Pin No.
Mnemonic
Description
36
D15+/D14+
D15 (MSB) and D14 Digital Output True.
27
DCO−
Data Clock Digital Output Complement.
28
DCO+
Data Clock Digital Output True.
39
OR−
Out-of-Range Digital Output Complement.
40
OR+
Out-of-Range Digital Output True.
47
DNC
Do Not Connect (Leave Pin Floating).
48
SDIO
Serial Data Input/Output.
49
SCLK
Serial Clock.
50
CSB
Chip Select Bar.
57
XVREF
External VREF Option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com