Electronic Components Datasheet Search
  English  ▼

X  

AD9467 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9467 Datasheet HTML 24Page - Analog Devices AD9467 Datasheet HTML 25Page - Analog Devices AD9467 Datasheet HTML 26Page - Analog Devices AD9467 Datasheet HTML 27Page - Analog Devices AD9467 Datasheet HTML 28Page - Analog Devices AD9467 Datasheet HTML 29Page - Analog Devices AD9467 Datasheet HTML 30Page - Analog Devices AD9467 Datasheet HTML 31Page - Analog Devices AD9467 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 30 of 32
Addr.
(Hex)
Parameter Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Default Notes/
Comments
2C
analog_input
X
X
X
X
X
Input
coupling
mode
0 = ac
coupling
(default)
1 = dc
coupling
X
X
0x00
Determines the
input coupling
mode.
36
Buffer Current
Select 1
110101 = +530%
110100 = +520%
…
001000 = +80% (default)
…
000010 = +20%
000001 = +10%
000000 = nominal, 0%
111111 = −10%
111110 = −20%
…
110111 = −90%
110110 = −100%
1
0
0x22
107
Buffer Current
Select 2
110101 = +530%
110100 = +520%
…
001000 = +80% (default)
…
000010 = +20%
000001 = +10%
000000 = nominal, 0%
111111 = −10%
111110 = −20%
…
110111 = −90%
110110 = −100%
X
X
0x20
1
X = undefined feature, don’t write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com