Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 163 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 163 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 159Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 160Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 161Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 162Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 163Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 164Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 165Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 166Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 167Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
163
Timing Characteristics (continued)
* This parameter is valid whether the end of not RDY is determined from the RDY/RCLK pin or from the D7 pin.
Notes:
Serial data is transmitted out on DOUT on the falling edge of CCLK after the byte is input D[7:0].
D[6:0] timing is the same as the write data port of the D7 waveform because D[6:0] are not enabled.
Figure 68. Asynchronous Peripheral Configuration Mode Timing Diagram
Table 50. Series 2 Asynchronous Peripheral Configuration Mode Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA/B Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA/B Industrial: VDD = 3.0 V to 3.6 V,
–40 °C
≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Max
Unit
WR
, CS0, and CS1 Pulse Width
TWR
100
—
ns
D[7:0] Setup Time
TS
20
—
ns
D[7:0] Hold Time
TH
0—
ns
RDY Delay
TRDY
—60
ns
RDY Low
TB
18
CCLK Periods
Earliest WR After RDY Goes High*
TWR2
0—
ns
RD
to D7 Enable/Disable
TDEN
—60
ns
CCLK to DOUT
TD
—30
ns
5-4533.a
CS1
D7
CCLK
DOUT
CS0
RDY
D0
D1
D2
TB
TWR
TS
TH
TRDY
WR
D7
TD
PREVIOUS BYTE
TWR2
WRITE DATA
D3
TDEN
TDEN
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com