Electronic Components Datasheet Search
  English  ▼

X  

AD9102-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9102-EBZ
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9102-EBZ Datasheet HTML 2Page - Analog Devices AD9102-EBZ Datasheet HTML 3Page - Analog Devices AD9102-EBZ Datasheet HTML 4Page - Analog Devices AD9102-EBZ Datasheet HTML 5Page - Analog Devices AD9102-EBZ Datasheet HTML 6Page - Analog Devices AD9102-EBZ Datasheet HTML 7Page - Analog Devices AD9102-EBZ Datasheet HTML 8Page - Analog Devices AD9102-EBZ Datasheet HTML 9Page - Analog Devices AD9102-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9102
Data Sheet
Rev. 0 | Page 6 of 36
AC SPECIFICATIONS (3.3 V)
TMIN to TMAX; AVDD = 3.3 V; DVDD = 3.3 V, CLKVDD = 3.3 V, internal CLDO, DLDO1, and DLDO2; IOUTFS = 8 mA; maximum sample rate,
unless otherwise noted.
Table 6.
Parameter
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE
fDAC = 180 MSPS, fOUT = 10 MHz
87
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
67
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 180 MSPS, fOUT = 10 MHz
88
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
68
dBc
NSD
fDAC = 180 MSPS, fOUT = 50 MHz
−163
dBm/Hz
PHASE NOISE @ 1 kHz FROM CARRIER
fDAC = 180 MSPS, fOUT = 10 MHz
−150
dBc/Hz
DYNAMIC PERFORMANCE
Output Settling Time, Full-Scale Output Step (to 0.1%)1
31.2
ns
Trigger to Output Delay, fDAC = 180 MSPS2
96
ns
Rise Time, Full-Scale Swing1
3.25
ns
Fall Time, Full-Scale Swing1
3.26
ns
1
Based on 85 Ω resistors from DAC output terminals to ground.
2
Start delay = 0 fDAC clock cycles.
AC SPECIFICATIONS (1.8 V)
TMIN to TMAX; AVDD = 1.8 V; DVDD = DLDO1 = DLDO2 = 1.8 V, CLKVDD = CLDO = 1.8 V; IOUTFS = 4 mA; maximum sample rate, unless
otherwise noted.
Table 7.
Parameter
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 180 MSPS, fOUT = 10 MHz
84
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
73
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 180 MSPS, fOUT = 10 MHz
91
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
86
dBc
NSD
fDAC = 180 MSPS, fOUT = 50 MHz
−163
dBm/Hz
PHASE NOISE @ 1kHz FROM CARRIER
fDAC = 180 MSPS, fOUT = 10 MHz
−150
dBc/Hz
DYNAMIC PERFORMANCE
Output Settling Time (to 0.1%)1
31.2
ns
Trigger to Output Delay, fDAC = 180 MSPS22
96
ns
Rise Time1
3.25
ns
Fall Time1
3.26
ns
1
Based on 85 Ω resistors from DAC output terminals to ground.
2
Start delay = 0 fDAC clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com