Electronic Components Datasheet Search
  English  ▼

X  

AD9102-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9102-EBZ
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9102-EBZ Datasheet HTML 4Page - Analog Devices AD9102-EBZ Datasheet HTML 5Page - Analog Devices AD9102-EBZ Datasheet HTML 6Page - Analog Devices AD9102-EBZ Datasheet HTML 7Page - Analog Devices AD9102-EBZ Datasheet HTML 8Page - Analog Devices AD9102-EBZ Datasheet HTML 9Page - Analog Devices AD9102-EBZ Datasheet HTML 10Page - Analog Devices AD9102-EBZ Datasheet HTML 11Page - Analog Devices AD9102-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9102
Data Sheet
Rev. 0 | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 9.
Parameter
Rating
AVDD1, AVDD2, DVDD to AGND, DGND,
CLKGND
−0.3 V to +3.9 V
CLKVDD to AGND, DGND, CLKGND
−0.3 V to +3.9 V
CLDO, DLDO1, DLDO2 to AGND, DGND,
CLKGND
−0.3 V to 2.2 V
AGND to DGND, CLKGND
−0.3 V to +0.3 V
DGND to AGND, CLKGND
−0.3 V to +0.3 V
CLKGND to AGND, DGND
−0.3 V to +0.3 V
CS, SDIO, SCLK, SDO/
SDI2/DOUT, RESET, TRIGGER to
DGND
−0.3 V to DVDD + 0.3 V
CLKP, CLKN to CLKGND
−0.3 V to CLKVDD + 0.3 V
REFIO to AGND
−1.0 V to AVDD + 0.3 V
IOUTP, IOUTN to AGND
−0.3 V to DVDD + 0.3 V
FSADJ, CAL_SENSE to AGND
−0.3 V to AVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a standard circuit board for surface-mount
packages. θJC is measured from the solder side (bottom) of the
package.
Table 10. Thermal Resistance
Package Type
θJA
θJB
θJC
Unit
32-Lead LFCSP with Exposed
Paddle
30.18
6.59
3.84
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com