Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR6311 Datasheet HTML 1Page - Leshan Radio Company LR6311 Datasheet HTML 2Page - Leshan Radio Company LR6311 Datasheet HTML 3Page - Leshan Radio Company LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics
The following specifications apply for the circuit shown in Figure 5.
TA = 25℃, unless otherwise specified.
Spec
Symb
ol
Parameter
Conditions
Min.
Typ.
Max.
Units
ISD
Shutdown Current
VIN=0V, VSDB=0V, No Load
0.4
2
uA
VDD = 2.5V, VIN = 0V, No Load
2.0
VDD = 3.6V, VIN = 0V, No Load
2.6
IQ
Quiescent Current
VDD = 5.5V, VIN = 0V, No Load
3.0
8
mA
OS
V
Output Offset Voltage
VIN = 0V, AV = 2V/V,
VDD = 2.5V to 5.5V
2
25
mV
PSRR Power Supply Rejection Ratio
VDD = 2.5V to 5.5V
-75
dB
CMRR Common Mode Rejection Ratio
VDD = 2.5V to 5.5V,
VIC = VDD/2 to 0.5V,
VIC = VDD/2 to VDD - 0.8V
-68
dB
FSW
Modulation frequency
VDD = 2.5V to 5.5V
200
250
300
kHz
AV
Voltage gain
VDD = 2.5V to 5.5V
I
R
285k
I
R
300k
I
R
315k
V/V
RSDB Resistance from SDB to GND
300
k
ZI
Input impedance
142
150
158
k
TWU
Wake-up time from shutdown
VDD = 3.6V
1
mS
VDD = 2.5V
700
VDD = 3.6V
500
rDS(on) Drain-Source resistance (on-state)
VDD = 5.5V
400
m
Operating Characteristics
VDD = 5V,
RI = 150k , TA = 25℃, unless otherwise specified.
Spec
Symb
ol
Parameter
Conditions
Min.
Typ.
Max.
Units
THD+N=10%, f=1KHz, RL = 4
3.0
THD+N=1%, f=1KHz, RL = 4
2.4
THD+N=10%, f=1KHz, RL = 8
1.7
PO
Output Power
THD+N=1%, f=1KHz, RL = 8
1.4
W
THD+N Total Harmonic
Distortion + Noise
Po=1.0Wrms, f=1kHz, RL = 8
0.19
%
SNR Signal-to-Noise ratio VDD=5V, Po=1.0Wrms, RL = 8
97
dB
VDD = 3.6V,
RI = 150k , TA = 25℃, unless otherwise specified.
Spec
Symb
ol
Parameter
Conditions
Min.
Typ.
Max.
Units
THD+N=10%, f=1KHz, RL = 4
1.5
THD+N=1%, f=1KHz, RL = 4
1.2
THD+N=10%, f=1KHz, RL = 8
0.9
PO
Output Power
THD+N=1%, f=1KHz, RL = 8
0.7
W
THD+N Total Harmonic
Distortion + Noise
Po=0.5Wrms, f=1kHz, RL = 8
0.19
%
KSVR Supply ripple
rejection ratio
VDD = 3.6V, input ac-grounded with CI = 2uF
f=217Hz, V(Ripple)=200mVPP
-68
dB
No weighting
48
Vn
Output voltage noise VDD = 3.6V, input ac-grounded
with CI = 2uF, f=20~20kHz
A weighting
36
uVRMS
CMRR Common Mode
Rejection Ratio
VDD = 3.6V, VIC = 1 VPP, f=217Hz
-70
dB
VDD = 2.5V,
RI = 150k , TA = 25℃, unless otherwise specified.
Parameter
Conditions
Spec
Units
Leshan Radio Co ., Ltd
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com